データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESAD39MN データシート(PDF) 1 Page - Fuji Electric

部品番号 ESAD39MN
部品情報  FAST RECOVERY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJI [Fuji Electric]
ホームページ  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESAD39MN データシート(HTML) 1 Page - Fuji Electric

  ESAD39MN Datasheet HTML 1Page - Fuji Electric ESAD39MN Datasheet HTML 2Page - Fuji Electric ESAD39MN Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1. Gate
2. Drain
3. Source
15.5
5.45
5.45
5.5
3.2
1.6
3.5
1.1
2.1
0.6
±0.3
±0.3
±0.2
±0.2
±0.2
±0.3
±0.3
+0.2
+0.3
+0.2
—0.1
±0.2
ø3.2
ESAD39M(C,N,D) (10A) (400V to 600V / 10A)
FAST RECOVERY DIODE
Outline drawings, mm
Features
Insulated package by fully molding
Super high speed switching
Low VF in turn on
High reliability
Applications
High speed power switching
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Isolating voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
Viso
IO
IFSM
Tj
Tstg
Conditions
50
-40 to +150
-40 to +150
Unit
V
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Reverse recovery time
Thermal resistance
Symbol
VFM
IRRM
t rr
Rth(j-c)
Conditions
IFM=4A
VR=VRRM
IF=0.1A, IR=0.2A, Irec=0.05A
Junction to case
Max.
2.5
100
50
2.5
Unit
V
µA
ns
°C/W
Terminals-to-case, AC. 1min.
Square wave, duty=1/2, Tc=85°C
Sine wave 10ms
Rating
-04
-06
400
600
400
600
10*
Connection diagram
*Average forward current of centertap full wave connection
ESAD39M-
C
ESAD39M-
N
ESAD39M-
D
1
1
1
2
2
2
3
3
3
JEDEC
EIAJ
1500


同様の部品番号 - ESAD39MN

メーカー部品番号データシート部品情報
logo
Thinki Semiconductor Co...
ESAD39M-02C THINKISEMI-ESAD39M-02C Datasheet
729Kb / 2P
   10 Ampere Insulated Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
ESAD39M-02D THINKISEMI-ESAD39M-02D Datasheet
716Kb / 2P
   10 Ampere Insulated Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
ESAD39M-02N THINKISEMI-ESAD39M-02N Datasheet
716Kb / 2P
   10 Ampere Insulated Common Anode Ultra Fast Recovery Half Bridge Rectifiers
ESAD39M-02S THINKISEMI-ESAD39M-02S Datasheet
716Kb / 2P
   10 Ampere Insulated Series Connection Ultra Fast Recovery Half Bridge Rectifiers
More results

同様の説明 - ESAD39MN

メーカー部品番号データシート部品情報
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com