データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

603-301-04_1309 データシート(PDF) 1 Page - Marl International Limited

部品番号 603-301-04_1309
部品情報  Robust bright nickel plated brass housing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARL [Marl International Limited]
ホームページ  http://www.leds.co.uk
Logo MARL - Marl International Limited

603-301-04_1309 データシート(HTML) 1 Page - Marl International Limited

  603-301-04_1309 Datasheet HTML 1Page - Marl International Limited 603-301-04_1309 Datasheet HTML 2Page - Marl International Limited 603-301-04_1309 Datasheet HTML 3Page - Marl International Limited 603-301-04_1309 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
603 series
• Ø5.0mm mounting
• Robust bright nickel plated brass housing
• Sealed to IP67
• Colour diffused lens with a wide viewing angle
• Suitable for high vibration applications
• Internal reverse protection diode fitted as standard in all
voltage models
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
603-301-04
Red
2.1 Vdc
20
900
660
-40 - +85
-40 - +85
A
603-325-04
Yellow
2.2 Vdc
20
3500
590
-40 - +100
-40 - +120
Y
603-324-04
Green
2.2 Vdc
20
36000
523
-30 - +85
-40 - +100
R
603-934-04
Blue
2.2 Vdc
20
7485
468
-30 - +85
-40 - +100
R
603-301-23
Red
24-28 Vdc
20
900
660
-40 - +85
-40 - +85
A
603-325-23
Yellow
24-28 Vdc
20
3500
590
-40 - +100
-40 - +120
Y
603-324-23
Green
24-28 Vdc
20
90
565
-40 - +85
-40 - +85
F
603-934-23
Blue
24-28 Vdc
20
7485
468
-30 - +85
-40 - +100
R
603-998-23
White
24-28 Vdc
20
12900
* See below
-30 - +85
-40 - +100
H
998
*Typical emission colour White
x
0.287
0.283
0.330
0.330
y
0.295
0.305
0.360
0.339
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 603 - version 2013-09-24-173438
page 1 of 4


同様の部品番号 - 603-301-04_1309

メーカー部品番号データシート部品情報
logo
Marl International Limi...
603-301-04_1309 MARL-603-301-04_1309 Datasheet
464Kb / 4P
   high performance panel lamps
More results

同様の説明 - 603-301-04_1309

メーカー部品番号データシート部品情報
logo
Marl International Limi...
604-301-04_1309 MARL-604-301-04_1309 Datasheet
460Kb / 4P
   Robust bright nickel plated brass housing
508-501-21_1312 MARL-508-501-21_1312 Datasheet
433Kb / 5P
   Robust bright nickel plated brass housing
515-501-04_1309 MARL-515-501-04_1309 Datasheet
402Kb / 5P
   Robust bright nickel plated brass housing
507-501-21_1312 MARL-507-501-21_1312 Datasheet
434Kb / 5P
   Robust bright nickel plated brass housing
511-501-21_1312 MARL-511-501-21_1312 Datasheet
432Kb / 5P
   Robust bright nickel plated brass housing
531-501-63_1312 MARL-531-501-63_1312 Datasheet
317Kb / 5P
   Robust bright nickel plated brass housing
514-105-21_1309 MARL-514-105-21_1309 Datasheet
373Kb / 4P
   Robust bright nickel plated brass housing
512-501-21_1312 MARL-512-501-21_1312 Datasheet
432Kb / 5P
   Robust bright nickel plated brass housing
507 MARL-507 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
512 MARL-512 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com