データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS13AD-2 データシート(PDF) 1 Page - MORNSUN Science& Technology Ltd.

部品番号 TS13AD-2
部品情報  Isolated Transmitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TS13AD-2 データシート(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TS13AD-2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TS13AD-2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TS13AD-2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated Transmitter
TxxxxAD Series
2014.03.17-A/3
Page 1 of 3
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Active high precision isolated transmitter
FEATURES
Four-port isolation(Signal input, Signal output,
power supply and Isolation power output)
High accuracy (0.1% F.S.)
High linearity (0.1% F.S.)
Isolation voltage(2.5KVDC/60S)
Extremely low temperature drift (35PPM/ )
Industry standard(Operating Temperature Range:
-25 ~ 71 )
High reliability(MTBF>500,000 hours)
The TxxxAD series is a high integration, high efficiency linear active isolation amplifier module, with current signal input and current signal
output. These modules, with a high efficient isolated micro-power source built-in, can provide energy for inner signal processing circuit and
a isolation power out for front-end circuit. In the two-wire, three-wire and four-wire applications, our products largely predigest customers’
design and helpfully improve the using room ratio of PCB. Adopting electromagnetism isolation technology, it is available to keep higher
accuracy and extremely lower temperature drift more than photocoupler isolation. These modules have four-port isolation(input, output,
power supply and Isolation power output).
Selection Guide
Part No.
Power Supply input (VDC)
Input Signal
Output Signal
Isolation Power
Output (VDC)
TS13AD-2
24
0-2V
4-20mA
±6.8
TS23AD-2
24
0-2V
0-20mA
±6.8
TS53AD-2
24
0-2V
0-10V
±6.8
TS63AD-2
24
0-2V
0-5V
±6.8
Notes: Customization products are available if required.
Input Specifications
Item
Operating Conditions
Value
Input Power
Supply
Input voltage
(Nominal value of power supply input) ±5%
Input power
Signal, power full load
2W
Power supply protection
Reverse polarity protection
Input
Input signal
See selection guide
Input impedance
In case of max. input of current signal
10M
≥Ω
Input
Overload
50mA
Output Specifications
Item
Operating Conditions
Value
Output of Isolated
Power Supply
Output voltage
Power, current full load
(Nominal value) ±10%
Output current
25mA
Output
Output signal
See selection guide
Load capacity
Voltage output
1
Current output @ 20mA
500Ω
Load regulation
0.050%
Transmission Specifications
Item
Operating Conditions
Value
Zero Offset
0.1%F.S.
Precision
0.1%F.S.
Temperature Drift
Operating temperature range of -25 to +71℃
35
ppm/℃


同様の部品番号 - TS13AD-2

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

同様の説明 - TS13AD-2

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
   Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
   Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com