データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSF202-EX データシート(PDF) 2 Page - MORNSUN Science& Technology Ltd.

部品番号 TSF202-EX
部品情報  Switch Output isolation safety barrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TSF202-EX データシート(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TSF202-EX Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TSF202-EX Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TSF202-EX Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TSFx02-EX Series
2013.07.01-A/1
Page 2 of 3
STANDARDS & CERTIFICATES
Explosion protection certificate mark
[Exia]IIC
Explosion protection certificate parameters
Pin(9+, 10-);
(11+, 12-)
Uo: 26.25VDC
Io: 153.5mA
Um: 250V
Po: 1.01W
Co: 0.345uF
Lo: 2mH
Explosion protection certificate agency
CHINA
NATIONAL
QUALITY
SUPERVISION
AND
TEST
CENTRE
FOR
EXPLOSION
PROTECTED ELECTRICAL PRODUCTS
Explosion qualified No.
CNEx 12.2417
OTHER CHARACTERISTICS
Operating temperature:-25~+71℃
Ambient temperature
Transport and Storage temperature: - 50 ~ +105
°C
Package
35mm DIN-rail packageT-rail card package (DIN50022), pluggable connection terminal, Plastic UL94-V0
Safety class
IP20(IEC60529 / EN60529)
Weight
1 input 1 output about100g: 1 input 2 output and 2 input 2 output about 128g
Consume current
≤160mA
Hot swap
Support
Size
99.5
×111×22.5(L×H×W mm)
CONNECTION
1. Removable terminal;
2. Cross section area of wiring: 0.5mm
2 ~2.5mm2;
3. The length of bare wire is about 8mm, locked up by the M3 bolt.
Selection guidelines for intrinsically safety explosion protection system
1.
The explosion protection grade of the barrier must be not less than that of intrinsically safety explosion protection device in spot.
2.
Take inconsideration of hazardous end output resistance and loop resistance make sure the barrier output voltage meets the minimum operation
voltage requirem ent of intrinsically safety device in spot.
3.
The safety parameters about intrinsically safety end meets:
Uo
≤ UI, Io ≤ Iin, Po ≤ Pin
Co
≥ Cin, Lo ≥ Lin
4.
Select suitable safety barrier which matches the intrinsically safety device in spot according to the power polarity, signal type and transmission
mode about the device.
5.
The wires leading to the dangerous places should use the blue safety wire, wire soft copper area must be greater than 0.5mm
2, dielectric
strength should be greater than 500VDC
Operation notes
1. Please read the user manual carefully before using. If any question, please contact our technical support department.
2. Please don
’t use this product in hazardous area.
3. The power supply of this product should be 24VDC power source. It is forbidden to use 220VAC power supply.
4. To avoid void of explosion proof, or any failure, users disassemble this product is forbidden.
APPLICATION CIRCUIT DIAGRAM
OUTPUT TYPICAL CURVE
channel 1
channel 2
P o wer
Saf e Area
Hazardous
Area
P o wer
2 input 2 output
Elect romagnet ism valve/A larm
Note:
This diagram is for 2 input & 2 output model only, 1 input & 1 output model connect channel 1 only.
Vo(VDC)
24
12
44
0
Io(mA)


同様の部品番号 - TSF202-EX

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TSF20 ETC1-TSF20 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSF2080C TSC-TSF2080C Datasheet
186Kb / 3P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
TSF20H100C TSC-TSF20H100C Datasheet
212Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSF20H100C TSC-TSF20H100C Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF20H100C-S TSC-TSF20H100C-S Datasheet
243Kb / 5P
   Trench Schottky Rectifier
More results

同様の説明 - TSF202-EX

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
   Thermocouples Isolation Safety Barrier
TAF100W-EX-11 MORNSUN-TAF100W-EX-11 Datasheet
1Mb / 4P
   12.5mm ULTRA-THIN ANALOG SIGNAL OUTPUT ISOLATION SAFETY BARRIER
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
logo
Allen-Bradley
2031-A0023A ALLEN-BRADLEY-2031-A0023A Datasheet
254Kb / 20P
   Safety Isolation System
logo
MORNSUN Science& Techno...
TD102-EX-485 MORNSUN-TD102-EX-485 Datasheet
564Kb / 4P
   RS485竊뉶ull-duplex竊뎘nput isolation safety barrier
TAF100-EX-11 MORNSUN-TAF100-EX-11 Datasheet
498Kb / 3P
   DC input operation type analog signal isolation safety barrier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com