データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCA10S-15 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 LCA10S-15
部品情報  Rugged PCB type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LCA10S-15 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  LCA10S-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers LCA10S-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers LCA10S-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Home > Product Details
LCA10S
Model
Input
Voltage
[V]
Output
Wattage
[W]
DC
Output
[V/A]
LCA10S-5
DC 110 -
170
AC 85 - 132
10
5V
2A
LCA10S-5-H
DC 110 -
170
AC 85 - 132
10
5V
2A
LCA10S-12
DC 110 -
170
AC 85 - 132
10.8
12V
0.9A
LCA10S-24
DC 110 -
170
AC 85 - 132
12
24V
0.5A
LCA10S-15
DC 110 -
170
AC 85 - 132
10.5
15V
0.7A
Features
Small and compact PCB construction
UL recognized, CSA certified
Built-in Inrush Current Protection
RoHS Compliant
Safety Agency Approvals
Complies with DEN-AN
UL1950, CSA C22.2 No.234
EMI Compliance
FCC-B
VCCI-B
2 year warranty(refer to Instruction Manual)


同様の部品番号 - LCA10S-15

メーカー部品番号データシート部品情報
logo
PANDUIT CORP.
LCA10-10-L PANDUIT-LCA10-10-L Datasheet
91Kb / 1P
   COPPER LUG-ONE-HOLE, STANDARD BARREL
LCA10-10-L PANDUIT-LCA10-10-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCA10-10-L PANDUIT-LCA10-10-L Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug For Use with Stranded Copper Conductors
LCA10-10F-L PANDUIT-LCA10-10F-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCA10-10H-L PANDUIT-LCA10-10H-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
More results

同様の説明 - LCA10S-15

メーカー部品番号データシート部品情報
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F Datasheet
139Kb / 2P
   Rugged PCB type
logo
List of Unclassifed Man...
LDA150W-24 ETC2-LDA150W-24 Datasheet
203Kb / 3P
   Rugged PCB type
logo
RSG Electronic Componen...
LEB100F RSG-LEB100F Datasheet
114Kb / 2P
   Rugged PCB type
logo
List of Unclassifed Man...
LDA30F-5-SN ETC2-LDA30F-5-SN Datasheet
191Kb / 3P
   Rugged PCB type
logo
RSG Electronic Componen...
LEP100F RSG-LEP100F Datasheet
122Kb / 2P
   Rugged PCB type
LEA100F RSG-LEA100F Datasheet
140Kb / 2P
   Rugged PCB type
LEB150F RSG-LEB150F Datasheet
112Kb / 2P
   Rugged PCB type
LEP150F RSG-LEP150F Datasheet
122Kb / 2P
   Rugged PCB type
logo
MagnaChip Semiconductor...
MPMD150B120RH MGCHIP-MPMD150B120RH Datasheet
1Mb / 7P
   NPT & Rugged Type 1200V IGBT Module
MPMC200B120RH MGCHIP-MPMC200B120RH Datasheet
1Mb / 7P
   NPT & Rugged Type 1200V IGBT Module
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com