データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2743 データシート(PDF) 7 Page - Texas Instruments

部品番号 LM2743
部品情報  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2743 データシート(HTML) 7 Page - Texas Instruments

Back Button LM2743_14 Datasheet HTML 3Page - Texas Instruments LM2743_14 Datasheet HTML 4Page - Texas Instruments LM2743_14 Datasheet HTML 5Page - Texas Instruments LM2743_14 Datasheet HTML 6Page - Texas Instruments LM2743_14 Datasheet HTML 7Page - Texas Instruments LM2743_14 Datasheet HTML 8Page - Texas Instruments LM2743_14 Datasheet HTML 9Page - Texas Instruments LM2743_14 Datasheet HTML 10Page - Texas Instruments LM2743_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
2V/div
1V/div
5V/div
100 ns/DIV
LG
SW
HG
2V/div
1V/div
5V/div
100 ns/DIV
HG
SW
LG
0
0.4 0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
1.200
1.201
1.202
1.203
1.204
1.205
1.206
1.207
1.208
1.209
1.210
OUTPUT CURRENT (A)
TEMPERATURE (
oC)
-55 -35 -15
85 105 125
5
25
45
65
520
540
560
580
600
620
640
TEMPERATURE (
oC)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
-40 -25 -10 5
80 95 110 125
20 35 50 65
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110125
20 35 50 65
23.9
24
24.1
24.2
24.3
24.4
24.5
24.6
24.7
24.8
24.9
LM2743
www.ti.com
SNVS276F – MAY 2004 – REVISED JANUARY 2012
Typical Performance Characteristics (continued)
BOOT Pin Current
vs
Temperature for
Internal Reference Voltage
BOOT Voltage = 12V
vs
fSW = 300 kHz, FDS6898A FET, No-Load
Temperature
Frequency
Output Voltage
vs
vs
Temperature
Output Current
Switch Waveforms (HG Rising)
Switch Waveforms (HG Falling)
VCC = 3.3V, VIN = 5V, VOUT = 1.2V
VCC = 3.3V, VIN = 5V, VOUT = 1.2V
IOUT = 4A, CSS = 12nF, fSW = 300 kHz
IOUT = 4A, CSS = 12nF, fSW = 300 kHz
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2743


同様の部品番号 - LM2743_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

同様の説明 - LM2743_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com