データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3475 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM3475
部品情報  Hysteretic PFET Buck Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3475 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3475_14 Datasheet HTML 5Page - Texas Instruments LM3475_14 Datasheet HTML 6Page - Texas Instruments LM3475_14 Datasheet HTML 7Page - Texas Instruments LM3475_14 Datasheet HTML 8Page - Texas Instruments LM3475_14 Datasheet HTML 9Page - Texas Instruments LM3475_14 Datasheet HTML 10Page - Texas Instruments LM3475_14 Datasheet HTML 11Page - Texas Instruments LM3475_14 Datasheet HTML 12Page - Texas Instruments LM3475_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
-
+
PMOS_drv
Hyst Comp
FB
+
VOUT
PGATE
+
-
Reference
Voltage
VFB = 0.8V
VHYST = 21 mV
PGATE
R1
R2
L
Cff
COUT
VOUT =
R1 + R2
R2
x VFB
LM3475
www.ti.com
SNVS239A – OCTOBER 2004 – REVISED JANUARY 2005
At very low or very high duty cycle operation, maximum frequency will be limited by the blanking time. The
maximum operating frequency can be determined by the following equations:
FMAX = D / tonmin
(1)
FMAX = (1-D) / toffmin
where
D is the duty cycle, defined as VOUT/VIN, and tonmin
toffmin is the sum of the blanking time, the propagation delay time, and the PFET delay time (see Figure 12) (2)
ENABLE PIN (EN)
The LM3475 provides a shutdown function via the EN pin to disable the device. The device is active when the
EN pin is pulled above 1.5V (typ) and in shutdown mode when EN is below 1.135V (typ). In shutdown mode,
total quiescent current is less than 10µA. The EN pin can be directly connected to VIN for always-on operation.
Design Information
SETTING OUTPUT VOLTAGE
The output voltage is programmed using a resistor divider between VOUT and GND as shown in Figure 13. The
feedback resistors can be calculated as follows:
where
Vfb is 0.8V typically
(3)
The feedback resistor ratio,
α = (R1+R2) / R2, will also be used below to calculate output ripple and operating
frequency.
Figure 13. Hysteretic Window
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3475


同様の部品番号 - LM3475_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results

同様の説明 - LM3475_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com