データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3552 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM3552
部品情報  1A White LED Driver with Flash Timeout Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3552 データシート(HTML) 11 Page - Texas Instruments

Back Button LM3552 Datasheet HTML 7Page - Texas Instruments LM3552 Datasheet HTML 8Page - Texas Instruments LM3552 Datasheet HTML 9Page - Texas Instruments LM3552 Datasheet HTML 10Page - Texas Instruments LM3552 Datasheet HTML 11Page - Texas Instruments LM3552 Datasheet HTML 12Page - Texas Instruments LM3552 Datasheet HTML 13Page - Texas Instruments LM3552 Datasheet HTML 14Page - Texas Instruments LM3552 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LM3551, LM3552
www.ti.com
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
APPLICATION INFORMATION
LM3551 AND LM3552 FUNCTIONALITY TRUTH TABLE
SD (LM3551)
or
T/F
LM3551 Result
LM3552 Result
EN (LM3552)
1
0
Shut-down
Torch Mode
1
1
Shut-down
Flash Mode
0
0
Torch Mode
Shut-down
0
1
Flash Mode
Shut-down
The LM3551 has a 1.2M
Ω pull-up to VIN on SD and the LM3552 has a 1.2MΩ pull-down to GND on EN.
CURRENT SET EQUATIONS
The LM3551/2 utilize inline resistors to set the Torch and Flash LED currents. The Torch-Mode current
(continuous) and the Flash-Mode current (pulsed) are programmed by placing the appropriately selected
resistors between the feedback pin (FB) and FET-T (torch FET) and FET-F (flash FET) pins. Torch-mode is set
by utilizes the current through one resistor while Flash-mode is set by utilizes the currents though both current
set resistors. The following equations are used to set the LED currents.
RTORCH = (1.265V / ITORCH) - RDSON-T
(4)
RFLASH = (1.265V / (IFLASH- ITORCH)) - RDSON-F
(5)
RDSON-T= 0.98Ω and RDSON-F = 0.36Ω
(6)
NOTE
Flash LEDs from different manufacturers can have very different continuous and pulse
current ratings. See the manufacturers datasheets to ensure that the proper current levels
are used to avoid damaging the flash LED.
INDUCTOR SELECTION
Special care must be taken when selecting an inductor for use in LM3551/2 applications. The inductor should
have a current saturation rating that is larger than the worst case peak inductor current of the application to
ensure proper operation. Using an inductor with a lower saturation current rating than is required can cause a
dramatic drop in the inductance and can derate the maximum output current levels severely. It is worth noting
that the output voltage ripple is also affected by the total ripple current in the inductor. The following equations
can help give a good approximation as to what the peak inductor current will be for a given application at room
temperature (TA = +25°C).
IL(average) = [ILED × VOUT-MAX] ÷ [VIN-MIN × Eff.]
(7)
ΔIL = [VIN × D] ÷ [L × FSW]
(8)
IL(peak) = IL(ave) + [ΔIL ÷ 2]
(9)
VOUT-MAX Maximum Output Voltage. Maximum output voltage over temperature with OVP used is 11V (12.4V
typically).
VIN-MIN Minimum Input Voltage. Recommended minimum input voltage is 3.0V. The LM3551/2 will work down to
2.7V however, use at lower input voltages will required an inductor with a higher saturation current rating.
Eff.
Converter Efficiency (approx. 85% over input voltage range).
D
Duty Cycle = 1 - [VIN / VOUT]
L
Inductance. Recommended inductance value is 4.7µH.
FSW
Switching Frequency = 1.25MHz
Copyright © 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3551 LM3552


同様の部品番号 - LM3552

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3552 NSC-LM3552 Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3552 NSC-LM3552 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3552 TI1-LM3552 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
National Semiconductor ...
LM3552SD NSC-LM3552SD Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3552SD NSC-LM3552SD Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
More results

同様の説明 - LM3552

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3551 NSC-LM3551 Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551 TI1-LM3551 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
   1A, 55V, Programmable Frequency White LED Driver
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NCP5050 ONSEMI-NCP5050 Datasheet
161Kb / 14P
   4.5 W Flash White LED Boost Driver
October, 2007 - Rev. 0
logo
Monolithic Power System...
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
   1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com