データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3691 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM3691
部品情報  High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3691 データシート(HTML) 2 Page - Texas Instruments

  LM3691_14 Datasheet HTML 1Page - Texas Instruments LM3691_14 Datasheet HTML 2Page - Texas Instruments LM3691_14 Datasheet HTML 3Page - Texas Instruments LM3691_14 Datasheet HTML 4Page - Texas Instruments LM3691_14 Datasheet HTML 5Page - Texas Instruments LM3691_14 Datasheet HTML 6Page - Texas Instruments LM3691_14 Datasheet HTML 7Page - Texas Instruments LM3691_14 Datasheet HTML 8Page - Texas Instruments LM3691_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM3691
SNVS506H – MAY 2008 – REVISED SEPTEMBER 2011
www.ti.com
Connection Diagram
Figure 3. 6-Bump Thin DSBGA Package, Large Bump
See Package Number YZR0006LCA
PIN DESCRIPTIONS
Pin DSBGA
Name
Description
Enable pin. The device is in shutdown mode when voltage to this pin is <0.4V and enabled when
A1
EN
>1.2V.
Do not leave this pin floating.
Mode Pin: Mode = 1, Forced PWM
B1
MODE
Mode = 0, ECO
Do not leave this pin floating.
C1
FB
Feedback analog input. Connect directly to the output filter capacitor. (Figure 1)
A2
VIN
Power supply input. Connect to the input filter capacitor. (Figure 1)
B2
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
C2
GND
Ground pin.
Absolute Maximum Ratings
(1) (2)
VIN Pin to GND
−0.2V to 6.0V
EN, MODE, FB, SW pins
(GND
−0.2V) to
VIN + 0.2V
Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
Continuous Power Dissipation (3)
Internally Limited
Maximum Lead Temperature
260°C
(Soldering, 10 sec.)
ESD Rating (4)
Human Body Model
2 kV
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 130°C (typ.).
(4)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
2
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3691


同様の部品番号 - LM3691_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
[Old version datasheet]   LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3691 TI1-LM3691_15 Datasheet
2Mb / 29P
[Old version datasheet]   High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
More results

同様の説明 - LM3691_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
[Old version datasheet]   LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI1-LM3691_15 Datasheet
2Mb / 29P
[Old version datasheet]   High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
   1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2312 PAM-PAM2312 Datasheet
411Kb / 14P
   1A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com