データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5005MH データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5005MH
部品情報  High Voltage 2.5 Amp Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5005MH データシート(HTML) 1 Page - Texas Instruments

  LM5005MH Datasheet HTML 1Page - Texas Instruments LM5005MH Datasheet HTML 2Page - Texas Instruments LM5005MH Datasheet HTML 3Page - Texas Instruments LM5005MH Datasheet HTML 4Page - Texas Instruments LM5005MH Datasheet HTML 5Page - Texas Instruments LM5005MH Datasheet HTML 6Page - Texas Instruments LM5005MH Datasheet HTML 7Page - Texas Instruments LM5005MH Datasheet HTML 8Page - Texas Instruments LM5005MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM5005
www.ti.com
SNVS397C – SEPTEMBER 2005 – REVISED MARCH 2007
LM5005 High Voltage 2.5 Amp Buck Regulator
Check for Samples: LM5005
1
FEATURES
DESCRIPTION
The LM5005 high voltage switching regulator features
2
Integrated 75V, 2.5A N-Channel Buck Switch
all of the functions necessary to implement an
Ultra-wide input voltage range from 7V to 75V
efficient high voltage buck regulator using a minimum
Internal high voltage bias regulator
of external components. This easy to use regulator
includes a 75V N-Channel buck switch with an output
Adjustable output voltage from 1.225V
current capability of 2.5 Amps. The regulator control
1.5% feedback reference accuracy
method is based upon current mode control utilizing
Current mode control with emulated inductor
an emulated current ramp. Current mode control
current ramp
provides inherent line feed-forward, cycle-by-cycle
current limiting and ease of loop compensation. The
Single resistor oscillator frequency setting
use of an emulated control ramp reduces noise
Oscillator synchronization input
sensitivity of the pulse-width modulation circuit,
Programmable soft-start
allowing reliable control of very small duty cycles
necessary in high input voltage applications. The
Shutdown / Standby input
operating frequency is programmable from 50kHz to
Wide bandwidth error amplifier
500kHz. An oscillator synchronization pin allows
Thermal Shutdown
multiple LM5005 regulators to self-synchronize or to
be synchronized to an external clock. Additional
protection features include: current limit, thermal
shutdown and remote shutdown capability. The
device is available in a power enhanced HTSSOP
package featuring an exposed die attach pad to aid
thermal dissipation.
Package
HTSSOP (Exposed Pad)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM5005MH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM5005MH NSC-LM5005MH Datasheet
774Kb / 21P
   High Voltage 2.5 Amp Buck Regulator
logo
Texas Instruments
LM5005MH TI-LM5005MH Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
LM5005MH TI-LM5005MH Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
logo
National Semiconductor ...
LM5005MHX NSC-LM5005MHX Datasheet
774Kb / 21P
   High Voltage 2.5 Amp Buck Regulator
logo
Texas Instruments
LM5005MHX TI-LM5005MHX Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
More results

同様の説明 - LM5005MH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM5005 NSC-LM5005 Datasheet
774Kb / 21P
   High Voltage 2.5 Amp Buck Regulator
logo
Texas Instruments
LM5005MH TI-LM5005MH Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
LM5005MHX TI-LM5005MHX Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
logo
ON Semiconductor
FAN53741 ONSEMI-FAN53741 Datasheet
407Kb / 18P
   Synchronous Buck Regulator, 2.5 MHz
April, 2021 ??Rev. 4
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
logo
ON Semiconductor
NCV8800 ONSEMI-NCV8800 Datasheet
89Kb / 12P
   Synchronous Buck Regulator with 1.0 Amp Switch
September, 2003 ??Rev. 10
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
   Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
ISL95338 RENESAS-ISL95338 Datasheet
1Mb / 48P
   Bidirectional Buck-Boost Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com