データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5006 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5006
部品情報  80V, 600 mA Constant On-Time Buck Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5006 データシート(HTML) 2 Page - Texas Instruments

  LM5006 Datasheet HTML 1Page - Texas Instruments LM5006 Datasheet HTML 2Page - Texas Instruments LM5006 Datasheet HTML 3Page - Texas Instruments LM5006 Datasheet HTML 4Page - Texas Instruments LM5006 Datasheet HTML 5Page - Texas Instruments LM5006 Datasheet HTML 6Page - Texas Instruments LM5006 Datasheet HTML 7Page - Texas Instruments LM5006 Datasheet HTML 8Page - Texas Instruments LM5006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1
2
3
4
5
10
9
8
7
6
VIN
VCC
RT
FB
UVO
SW
BST
LG
RTN
UV
LM5006
SNVS646A – FEBRUARY 2011 – REVISED FEBRUARY 2011
www.ti.com
Connection Diagram
Figure 1. Top View
10–Lead VSSOP
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
SW
Switching Node
Power switching node. Connect to the output inductor, re-circulating diode or
synchronous FET, and bootstrap capacitor.
2
BST
Boost Pin
An external capacitor is required between the BST and the SW pins (0.01uF or
greater ceramic). The BST pin capacitor is charged from Vcc through an internal
diode when SW is low.
3
LG
Low side gate driver output for
This output drives an external N-MOSFET which can replace the free-wheeling
synchronous rectifier MOSFET
diode between SW and GND. Using a FET for synchronous rectification
generally improves efficiency.
4
RTN
Ground pin
Ground for the entire circuit.
5
UV
Input pin for the under voltage
A resistor divider from VIN, or some other system voltage, programs the under-
indicator
voltage detection threshold. An internal current sink is enabled when UV is
below 2.5V to provide hysteresis.
6
UVO
Under voltage status indicator
This open drain output is high when the UV pin voltage is below 2.5V, or when
the VCCUVLO function or the shutdown function is invoked.
7
FB
Feedback Input from Regulated
This pin is connected to the inverting input of the internal regulation comparator.
Output
The regulation level is 2.5V.
8
RT/SD
On-time set pin and shutdown input
A resistor between this pin and Vin sets the switch on-time as a function of Vin,
and the frequency. The minimum recommended on-time is 200 ns at max input
voltage. Taking this pin to ground shuts off the regulator.
9
VCC
Output from the internal high voltage
The internal regulator provides bias supply for the Buck switch gate driver and
series pass regulator. Regulated at
other internal circuitry. A 1uF ceramic capacitor to ground is required. The
7.5V.
regulator is current limited to
≈30 mA.
10
VIN
Input Voltage
The operating input range is 6V to 75V
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LM5006


同様の部品番号 - LM5006

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM5006 NSC-LM5006 Datasheet
526Kb / 14P
   Evaluation Board provides the design engineer with a fully functional
logo
Texas Instruments
LM5006 TI-LM5006 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006MM/NOPB TI-LM5006MM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006MMX/NOPB TI-LM5006MMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
More results

同様の説明 - LM5006

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
   100V, 150 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com