データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5006 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5006
部品情報  80V, 600 mA Constant On-Time Buck Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5006 データシート(HTML) 10 Page - Texas Instruments

Back Button LM5006 Datasheet HTML 6Page - Texas Instruments LM5006 Datasheet HTML 7Page - Texas Instruments LM5006 Datasheet HTML 8Page - Texas Instruments LM5006 Datasheet HTML 9Page - Texas Instruments LM5006 Datasheet HTML 10Page - Texas Instruments LM5006 Datasheet HTML 11Page - Texas Instruments LM5006 Datasheet HTML 12Page - Texas Instruments LM5006 Datasheet HTML 13Page - Texas Instruments LM5006 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
FB
VIN
VCC
SW
RTN
BST
2.5V
Vth
VOUT
Input
RT/SD
CURRENT
LIMIT
+
-
VCC UVLO
ON/OFF
TIMERS
DRIVER
LOGIC
0.9 V
2. 85 V
OVER- VOLTAGE
START -UP
REGULATOR
FEEDBACK
THERMAL
SHUTDOWN
Current
Limit
One- Shot
2.5V
LG
UVO
UV
5 PA
PRE-
CHARGE
RT
RUV2
C1
C3
RUV1
RFB2
RFB1
L1
C4
D1
C2
R3
LM5006
Delay
Delay
C5
VCC
VIN
LM5006
SNVS646A – FEBRUARY 2011 – REVISED FEBRUARY 2011
www.ti.com
Block Diagram
FUNCTIONAL DESCRIPTION
The LM5006 Step Down Switching Regulator features all the functions needed to implement a low cost, efficient,
Buck bias power converter. This high voltage regulator contains an 80 V N-Channel Buck Switch, is easy to
implement and is provided in the VSSOP-10 package. The regulator is based on a control scheme using an on-
time inversely proportional to VIN. The control scheme requires no loop compensation. Current limit is
implemented with forced off-time, which is inversely proportional to VOUT. This scheme ensures short circuit
control while providing minimum foldback.
The LM5006 can be applied in numerous applications to efficiently regulate down higher voltages. This regulator
is well suited for 48 Volt Telecom and the new 42V Automotive power bus ranges. Features include: Thermal
Shutdown, VCC under-voltage lockout, Gate drive under-voltage lockout, Max Duty Cycle limit timer, intelligent
current limit off timer, a pre-charge switch, a programmable under voltage detector with status flag, and a gate
driver output for a synchronous rectifier.
Control Circuit Overview
The LM5006 is a Buck DC-DC regulator that uses a control scheme in which the on-time varies inversely with
line voltage (VIN). Control is based on a comparator and the on-time one-shot, with the output voltage feedback
(FB) compared to an internal reference (2.5V). If the FB level is below the reference the buck switch is turned on
for a fixed time determined by the line voltage and a programming resistor (RT). Following the ON period the
switch remains off for at least the minimum off-timer period of 260 ns. If FB is still below the reference at that
time the switch turns on again for another on-time period. This continues until regulation is achieved.
10
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LM5006


同様の部品番号 - LM5006

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM5006 NSC-LM5006 Datasheet
526Kb / 14P
   Evaluation Board provides the design engineer with a fully functional
logo
Texas Instruments
LM5006 TI-LM5006 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006MM/NOPB TI-LM5006MM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006MMX/NOPB TI-LM5006MMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
More results

同様の説明 - LM5006

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
   100V, 150 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com