データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5010A-Q1 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5010A-Q1
部品情報  High-Voltage 1-A Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5010A-Q1 データシート(HTML) 4 Page - Texas Instruments

  LM5010A-Q1 Datasheet HTML 1Page - Texas Instruments LM5010A-Q1 Datasheet HTML 2Page - Texas Instruments LM5010A-Q1 Datasheet HTML 3Page - Texas Instruments LM5010A-Q1 Datasheet HTML 4Page - Texas Instruments LM5010A-Q1 Datasheet HTML 5Page - Texas Instruments LM5010A-Q1 Datasheet HTML 6Page - Texas Instruments LM5010A-Q1 Datasheet HTML 7Page - Texas Instruments LM5010A-Q1 Datasheet HTML 8Page - Texas Instruments LM5010A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM5010A
LM5010A-Q1
SNVS376D – OCTOBER 2005 – REVISED DECEMBER 2008
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN to RTN
-0.3V to 76V
BST to RTN
-0.3V to 90V
SW to RTN (Steady State)
-1.5V
BST to VCC
76V
BST to SW
14V
VCC to RTN
-0.3V to 14V
SGND to RTN
-0.3V to +0.3V
SS to RTN
-0.3V to 4V
VIN to SW
76V
All Other Inputs to RTN
-0.3V to 7V
ESD Rating, Human Body Model(2)
2kV
Storage Temperature Range
-65°C to +150°C
Lead Temperature (Soldering 4 sec)(3)
260°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
(3)
For detailed information on soldering plastic TSSOP and LLP packages, refer to the Packaging Data Book.
Operating Ratings
(1)
VIN Voltage
6.0V to 75V
Junction Temperature
LM5010A, LM5010AQ1
−40°C to + 125°C
LM5010AQ0
−40°C to + 150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 48V, RON = 200kΩ. See
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC Regulator
VCCReg
VCC regulated output
6.6
7
7.4
Volts
VIN - VCC
ICC = 0 mA, FS < 200 kHz, 6.0V ≤ VIN ≤ 8.5V
100
mV
VCC Bypass Threshold
VIN Increasing
8.9
V
VCC Bypass Hysteresis
VIN Decreasing
260
mV
VCC output impedance
VIN = 6.0V
55
(0 mA
≤ ICC ≤ 5 mA)
VIN = 8.0V
50
VIN = 48V
0.21
VCC current limit
(2)
VIN = 48V, VCC = 0V
15
mA
UVLOVcc
VCC under-voltage lock-out
VCC Increasing
5.25
V
threshold
UVLOVCC hysteresis
VCC Decreasing
180
mV
UVLOVCC filter delay
100 mV overdrive
3
µs
IIN operating current
Non-switching, FB = 3V
675
950
µA
IIN shutdown current
RON/SD = 0V
100
200
µA
(1)
Typical specifications represent the most likely parametric norm at 25°C operation.
(2)
VCC provides bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Links: LM5010A LM5010A-Q1


同様の部品番号 - LM5010A-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5010A-Q1 TI-LM5010A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

同様の説明 - LM5010A-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com