データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5010A-Q1 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5010A-Q1
部品情報  High-Voltage 1-A Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5010A-Q1 データシート(HTML) 8 Page - Texas Instruments

Back Button LM5010A-Q1 Datasheet HTML 4Page - Texas Instruments LM5010A-Q1 Datasheet HTML 5Page - Texas Instruments LM5010A-Q1 Datasheet HTML 6Page - Texas Instruments LM5010A-Q1 Datasheet HTML 7Page - Texas Instruments LM5010A-Q1 Datasheet HTML 8Page - Texas Instruments LM5010A-Q1 Datasheet HTML 9Page - Texas Instruments LM5010A-Q1 Datasheet HTML 10Page - Texas Instruments LM5010A-Q1 Datasheet HTML 11Page - Texas Instruments LM5010A-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
UVLO
VIN
VCC
SW Pin
Inductor
Current
SS Pin
t2
VOUT
7.0V
2.5V
t1
LM5010A
LM5010A-Q1
SNVS376D – OCTOBER 2005 – REVISED DECEMBER 2008
www.ti.com
FUNCTIONAL DESCRIPTION
Figure 1. Startup Sequence
The LM5010A Step Down Switching Regulator features all the functions needed to implement a low cost,
efficient buck DC-DC converter capable of supplying in excess of 1A to the load. This high voltage regulator
integrates an 80V N-Channel buck switch, with an easy to implement constant on-time controller. It is available in
the thermally enhanced LLP-10 and TSSOP-14EP packages. The regulator compares the feedback voltage to a
2.5V reference to control the buck switch, and provides a switch on-time which varies inversely with VIN. This
feature results in the operating frequency remaining relatively constant with load and input voltage variations.
The switching frequency can range from less than 100 kHz to 1.0 MHz. The regulator requires no loop
compensation resulting in very fast load transient response. The valley current limit circuit holds the buck switch
off until the free-wheeling inductor current falls below the current limit threshold, nominally set at 1.25A.
The LM5010A can be applied in numerous applications to efficiently step down higher DC voltages. This
regulator is well suited for 48V telecom applications, as well as the 42V automotive power bus. Features include:
Thermal shutdown, VCC under-voltage lock-out, gate drive under-voltage lock-out, and maximum duty cycle limit.
8
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Links: LM5010A LM5010A-Q1


同様の部品番号 - LM5010A-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5010A-Q1 TI-LM5010A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

同様の説明 - LM5010A-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com