データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25011 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25011
部品情報  42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25011 データシート(HTML) 3 Page - Texas Instruments

  LM25011 Datasheet HTML 1Page - Texas Instruments LM25011 Datasheet HTML 2Page - Texas Instruments LM25011 Datasheet HTML 3Page - Texas Instruments LM25011 Datasheet HTML 4Page - Texas Instruments LM25011 Datasheet HTML 5Page - Texas Instruments LM25011 Datasheet HTML 6Page - Texas Instruments LM25011 Datasheet HTML 7Page - Texas Instruments LM25011 Datasheet HTML 8Page - Texas Instruments LM25011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM25011, LM25011-Q1
www.ti.com
SNVS617F – MAY 2009 – REVISED JANUARY 2011
Pin Functions
Pin Descriptions
Pin No.
Name
Description
Application Information
1
VIN
Input supply voltage
Operating input range is 6V to 42V. Transient capability is 45V. A low ESR
capacitor must be placed as close as possible to the VIN and SGND pins.
2
RT
On-time Control
An external resistor from VIN to this pin sets the buck switch on-time, and the
switching frequency.
3
PGD
Power Good
Logic output indicates when the voltage at the FB pin has increased to above
95% of the internal reference voltage. Hysteresis is provided. An external
pull-up resistor to a voltage less than 7V is required.
4
SS
Soft-Start
An internal current source charges an external capacitor to provide the soft-
start function.
5
SGND
Signal Ground
Ground for all internal circuitry other than the current limit sense circuit.
6
FB
Feedback
Internally connected to the regulation comparator. The regulation level is
2.51V.
7
CSG
Current Sense Ground
Ground connection for the current limit sensing circuit. Connect to ground
and to the current sense resistor.
8
CS
Current sense
Connect to the current sense resistor and the anode of the free-wheeling
diode.
9
SW
Switching Node
Internally connected to the buck switch source. Connect to the external
inductor, cathode of the free-wheeling diode, and bootstrap capacitor.
10
BST
Bootstrap capacitor connection of the
Connect a 0.1 µF capacitor from SW to this pin. The capacitor is charged
buck switch gate driver.
during the buck switch off-time via an internal diode.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
VIN to SGND (TJ = 25°C)
45V
BST to SGND
52V
SW to SGND (Steady State)
-1.5V to 45V
BST to SW
-0.3V to 7V
CS to CSG
-0.3V to 0.3V
CSG to SGND
-0.3V to 0.3V
PGD to SGND
-0.3V to 7V
SS to SGND
-0.3V to 3V
RT to SGND
-0.3V to 1V
FB to SGND
-0.3V to 7V
ESD Rating, Human Body Model(2)
2kV
Storage Temperature Range
-65°C to +150°C
For soldering specs, see www.national.com/ms/MS/MS=SOLDERING.pdf
Junction Temperature
150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
OPERATING RATINGS
(1)
VIN Voltage
6.0V to 42V
Junction Temperature
–40°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25011 LM25011-Q1


同様の部品番号 - LM25011

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011 TI-LM25011 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI-LM25011 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011-Q1 TI-LM25011-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011-Q1 TI-LM25011-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

同様の説明 - LM25011

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com