データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL2530SD データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 HCPL2530SD
部品情報  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530SD データシート(HTML) 3 Page - Fairchild Semiconductor

  HCPL2530SD Datasheet HTML 1Page - Fairchild Semiconductor HCPL2530SD Datasheet HTML 2Page - Fairchild Semiconductor HCPL2530SD Datasheet HTML 3Page - Fairchild Semiconductor HCPL2530SD Datasheet HTML 4Page - Fairchild Semiconductor HCPL2530SD Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530SD Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530SD Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530SD Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530SD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
Single-Channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.5
Electrical Characteristics (T
A = 0 to 70°C Unless otherwise specified)
Individual Component Characteristics
*All Typicals at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 16mA, TA =25°C
1.45
1.7
V
IF = 16mA
1.8
BVR
Input Reverse Breakdown
Voltage
IR = 10 µA
5.0
V
∆VF/∆TA Temperature Coefficient of
Forward Voltage
IF = 16mA
-1.6
mV/°C
DETECTOR
IOH
Logic High Output Current
IF = 0mA, VO = VCC = 5.5V,
TA =25°C
All
0.001
0.5
µA
IF = 0mA, VO = VCC = 15V,
TA =25°C
6N135
6N136
HCPL-4502
HCPL-2503
0.005
1
IF = 0mA, VO = VCC = 15V
All
50
ICCL
Logic Low Supply Current
IF = 16mA, VO = Open,
VCC = 15V
6N135
6N136
HCPL-4502
HCPL-2503
120
200
µA
IF1 = IF2 = 16mA,
VO = Open, VCC = 15V
HCPL-2530
HCPL-2531
200
400
ICCH
Logic High Supply Current
IF = 0mA, VO = Open,
VCC = 15V, TA =25°C
6N135
6N136
HCPL-4502
HCPL-2503
1
µA
IF = 0mA, VO = Open,
VCC = 15V
6N135
6N136
HCPL-4502
HCPL-2503
2
IF = 0mA, VO = Open,
VCC = 15V
HCPL-2530
HCPL-2531
0.02
4


同様の部品番号 - HCPL2530SD

メーカー部品番号データシート部品情報
logo
Texas Instruments
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
More results

同様の説明 - HCPL2530SD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com