データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25116 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25116
部品情報  Wide Range Synchronous Buck Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25116 データシート(HTML) 11 Page - Texas Instruments

Back Button LM25116 Datasheet HTML 7Page - Texas Instruments LM25116 Datasheet HTML 8Page - Texas Instruments LM25116 Datasheet HTML 9Page - Texas Instruments LM25116 Datasheet HTML 10Page - Texas Instruments LM25116 Datasheet HTML 11Page - Texas Instruments LM25116 Datasheet HTML 12Page - Texas Instruments LM25116 Datasheet HTML 13Page - Texas Instruments LM25116 Datasheet HTML 14Page - Texas Instruments LM25116 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
FB
VIN
VCC
REGULATOR
DRIVER
HB
ADAPTIVE
TIMER
EN
UVLO
UVLO
ERROR
AMP
DIS
COMP
CLK
S
R
Q
Q
OSCILLATOR
AGND
CLK
CSG
RAMP GENERATOR
+
SLEEP
MODE
SHUTDOWN
PWM
CURRENT
LIMIT
RAMP
SS
VIN
10 x RS V/A
5 PA
1V
10 PA
CS
DRIVER
PGND
LO
VOUT
HO
SW
1
2
3
4
5
14
6
15
10
13
12
20
19
18
+
-
4.5V
17
HICCUP FAULT TIMER
256 CLOCK CYCLES
UVLO
LOGIC
STANDBY
UVLO
7
8
9
16
VCCX
RT
A =10
VCC
DEMB
11
TRACK
SAMPLE
and
HOLD
CLK
DIODE
EMULATION
CONTROL
SS
SW
THERMAL
SHUTDOWN
3V
VCCX
EN
SYNC
1.215 V
CCOMP
RCOMP
CHF
1
0.5V
RS
CSNUB
VOUT
R SNUB
COUT
Q2
Q1
L1
RFB1
RFB2
IR
D1
C VCC
CVCCX
VIN
CHB
RT/SYNC
CRAMP
CSYNC
1.215V
7. 4 V
LM25116
REN
RUV2
RUV1
CIN
CFT
CSS
VIN
D2
IR = 5 PA
( VIN - VOUT ) + 25 PA
V x
/
.6V
6V - 42V
LM25116
www.ti.com
SNVS509C – APRIL 2007 – REVISED AUGUST 2011
BLOCK DIAGRAM AND TYPICAL APPLICATION CIRCUIT
Figure 2. Typical Application Circuit
DETAILED OPERATING DESCRIPTION
The LM25116 high voltage switching regulator features all of the functions necessary to implement an efficient
high voltage buck regulator using a minimum of external components. This easy to use regulator integrates high-
side and low-side MOSFET drivers capable of supplying peak currents of 2 Amps. The regulator control method
is based on current mode control utilizing an emulated current ramp. Emulated peak current mode control
provides inherent line feed-forward, cycle by cycle current limiting and ease of loop compensation. The use of an
emulated control ramp reduces noise sensitivity of the pulse-width modulation circuit, allowing reliable processing
of the very small duty cycles necessary in high input voltage applications. The operating frequency is user
programmable from 50 kHz to 1 MHz. An oscillator/synchronization pin allows the operating frequency to be set
by a single resistor or synchronized to an external clock. Fault protection features include current limiting, thermal
shutdown and remote shutdown capability. An under-voltage lockout input allows regulator shutdown when the
input voltage is below a user selected threshold, and an enable function will put the regulator into an extremely
low current shutdown via the enable input. The TSSOP-20EP package features an exposed pad to aid in thermal
dissipation.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25116


同様の部品番号 - LM25116

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI-LM25116 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116MH NSC-LM25116MH Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116MH TI-LM25116MH Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM25116MH/NOPB TI-LM25116MH/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
More results

同様の説明 - LM25116

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
   Wide Range Synchronous Buck Controller
logo
Lowpower Semiconductor ...
LP6496 POWER-LP6496 Datasheet
424Kb / 6P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI-LM25116 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI1-LM5116-HT Datasheet
636Kb / 34P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
SHOUDING Shouding Semic...
SDA2717E SHOUDING-SDA2717E Datasheet
801Kb / 10P
   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483B HMSEMI-HM1483B Datasheet
772Kb / 9P
   Wide Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com