データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25574 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM25574
部品情報  SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25574 データシート(HTML) 1 Page - Texas Instruments

  LM25574_14 Datasheet HTML 1Page - Texas Instruments LM25574_14 Datasheet HTML 2Page - Texas Instruments LM25574_14 Datasheet HTML 3Page - Texas Instruments LM25574_14 Datasheet HTML 4Page - Texas Instruments LM25574_14 Datasheet HTML 5Page - Texas Instruments LM25574_14 Datasheet HTML 6Page - Texas Instruments LM25574_14 Datasheet HTML 7Page - Texas Instruments LM25574_14 Datasheet HTML 8Page - Texas Instruments LM25574_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM25574
www.ti.com
SNVS483F – JANUARY 2007 – REVISED FEBRUARY 2009
LM25574/LM25574Q SIMPLE SWITCHER® 42V, 0.5A Step-Down Switching Regulator
Check for Samples: LM25574
1
FEATURES
Master or slave frequency synchronization
Adjustable soft-start
23
LM25574Q is an Automotive Grade product
that is AEC-Q100 grade 1 qualified (
−40°C to +
Emulated current mode control architecture
125°C operating junction temperature)
Wide bandwidth error amplifier
Integrated 42V, 750m
Ω N-channel MOSFET
Built-in protection
Ultra-wide input voltage range from 6V to 42V
Automotive Grade product datasheet that is
Adjustable output voltage as low as 1.225V
AEC-Q100 grade 0 qualified is available upon
request.
1.5% feedback reference accuracy
(
−40°C to + 150°C operating junction
Operating frequency adjustable between
temperature)
50kHz and 1MHz with single resistor
DESCRIPTION
The LM25574 is an easy to use SIMPLE SWITCHER® buck regulator which allows design engineers to design
and optimize a robust power supply using a minimum set of components. Operating with an input voltage range
of 6 - 42V, the LM25574 delivers 0.5A of continuous output current with an integrated 750m
Ω N-Channel
MOSFET. The regulator utilizes an Emulated Current Mode architecture which provides inherent line regulation,
tight load transient response, and ease of loop compensation without the usual limitation of low-duty cycles
associated with current mode regulators. The operating frequency is adjustable from 50kHz to 1MHz to allow
optimization of size and efficiency. To reduce EMI, a frequency synchronization pin allows multiple IC’s from the
LM(2)557x family to self-synchronize or to synchronize to an external clock. The LM25574 guarantees
robustness with cycle-by-cycle current limit, short-circuit protection, thermal shut-down, and remote shut-down.
The device is available in a TSSOP-16 package. The LM25574 is supported by the full suite of WEBENCH® On-
Line design tools.
Package
TSSOP-16
Applications
Automotive
Industrial
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
WEBENCH is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM25574_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results

同様の説明 - LM25574_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com