データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM26400Y データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM26400Y
部品情報  Dual 2A, 500kHz Wide Input Range Buck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM26400Y データシート(HTML) 6 Page - Texas Instruments

Back Button LM26400Y Datasheet HTML 2Page - Texas Instruments LM26400Y Datasheet HTML 3Page - Texas Instruments LM26400Y Datasheet HTML 4Page - Texas Instruments LM26400Y Datasheet HTML 5Page - Texas Instruments LM26400Y Datasheet HTML 6Page - Texas Instruments LM26400Y Datasheet HTML 7Page - Texas Instruments LM26400Y Datasheet HTML 8Page - Texas Instruments LM26400Y Datasheet HTML 9Page - Texas Instruments LM26400Y Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LM26400Y
SNVS457B – FEBRUARY 2007 – REVISED AUGUST 2007
www.ti.com
Typical Performance Characteristics
Unless otherwise specified or thermal-shutdown related, TA = 25°C for efficiency curves, loop gain plots and waveforms, and
TJ = 25°C for all others.
Efficiency, VOUT = 5V
Efficiency, VOUT = 3.3V
Efficiency, VOUT = 2.5V
Efficiency, VOUT = 1.2V
AVIN Shutdown Current
VIN Shutdown Current
vs.
vs.
Temperature
VIN
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LM26400Y


同様の部品番号 - LM26400Y

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM26400Y NSC-LM26400Y Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI-LM26400Y Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
logo
National Semiconductor ...
LM26400YMH NSC-LM26400YMH Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400YMH/NOPB TI-LM26400YMH/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
logo
National Semiconductor ...
LM26400YMHX NSC-LM26400YMHX Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
More results

同様の説明 - LM26400Y

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM26400Y_0708 NSC-LM26400Y_0708 Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com