データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR10510 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR10510
部品情報  SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR10510 データシート(HTML) 7 Page - Texas Instruments

Back Button LMR10510 Datasheet HTML 3Page - Texas Instruments LMR10510 Datasheet HTML 4Page - Texas Instruments LMR10510 Datasheet HTML 5Page - Texas Instruments LMR10510 Datasheet HTML 6Page - Texas Instruments LMR10510 Datasheet HTML 7Page - Texas Instruments LMR10510 Datasheet HTML 8Page - Texas Instruments LMR10510 Datasheet HTML 9Page - Texas Instruments LMR10510 Datasheet HTML 10Page - Texas Instruments LMR10510 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
-45
-40
-10
20
50
80
110 125 130
TEMPERATURE (ºC)
0.590
0.595
0.600
0.605
0.610
-45
-40
-10
20
50
80
110 125 130
TEMPERATURE (ºC)
4.0
4.1
4.2
4.3
4.4
4.5
4.6
LMR10510
www.ti.com
SNVS727A – OCTOBER 2011 – REVISED OCTOBER 2011
Typical Performance Characteristics (continued)
Unless stated otherwise, all curves taken at VIN = 5.0V with configuration in typical application circuit shown in Figure 22. TJ
= 25°C, unless otherwise specified.
Line Regulation
LMR10510Y IQ (Quiescent Current)
Vo = 1.8V, Io = 500mA
Figure 15.
Figure 16.
Gain vs Frequency
VFB vs Temperature
(Vin = 5V, Vo = 1.2V @ 1A)
Figure 17.
Figure 18.
Phase Plot vs Frequency
(Vin = 5V, Vo = 1.2V @ 1A)
Figure 19.
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMR10510


同様の部品番号 - LMR10510

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR10510 TI-LMR10510 Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10510XMF TI-LMR10510XMF Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10510XMF/NOPB TI1-LMR10510XMF/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10510XMFE TI-LMR10510XMFE Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10510XMFE/NOPB TI1-LMR10510XMFE/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
More results

同様の説明 - LMR10510

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR10510 TI1-LMR10510_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10510 TI-LMR10510 Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10515 TI-LMR10515 Datasheet
457Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10515XMFE TI-LMR10515XMFE Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10515 TI1-LMR10515_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR10520 TI1-LMR10520_14 Datasheet
1,022Kb / 26P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 2.0A Step-Down Voltage Regulator in WSON
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com