データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4S010 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD4S010
部品情報  4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4S010 データシート(HTML) 4 Page - Texas Instruments

  TPD4S010 Datasheet HTML 1Page - Texas Instruments TPD4S010 Datasheet HTML 2Page - Texas Instruments TPD4S010 Datasheet HTML 3Page - Texas Instruments TPD4S010 Datasheet HTML 4Page - Texas Instruments TPD4S010 Datasheet HTML 5Page - Texas Instruments TPD4S010 Datasheet HTML 6Page - Texas Instruments TPD4S010 Datasheet HTML 7Page - Texas Instruments TPD4S010 Datasheet HTML 8Page - Texas Instruments TPD4S010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
–20
0
20
40
60
80
100
120
140
160
180
200
220
0
25
50
75
100
125
150
175
200
225
250
Time (nS)
0.0
1.0
2.0
3.0
4.0
5.0
1
2
3
4
5
IO Voltage (V)
0
10
20
30
40
50
60
70
–40
25
55
85
Temperature, T (°C)
A
-10
-8
-6
-4
-2
0
2
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Frequency (Hz)
100k
1M
10M
100M
1G
10G
D1+
D2+
TPD4S009
TPD4S010
SLVS817F – MAY 2008 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS
Figure 3. Insertion Loss S21 – I/O to GND
Figure 4. Leakage Current vs Temperature (VIO = 2.5 V)
Figure 5. IO Capacitance vs Input Voltage (VCC = 5 V)
Figure 6. IEC Clamping Waveforms
(8-kV Contact, Average of Ten Waveforms)
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: TPD4S009 TPD4S010


同様の部品番号 - TPD4S010

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4S010 TI-TPD4S010 Datasheet
706Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S010 TI-TPD4S010 Datasheet
1Mb / 17P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S010 TI-TPD4S010 Datasheet
1Mb / 18P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S010DQAR TI-TPD4S010DQAR Datasheet
706Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S010DQAR TI-TPD4S010DQAR Datasheet
1Mb / 17P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results

同様の説明 - TPD4S010

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
TVS4S009 UTC-TVS4S009 Datasheet
142Kb / 4P
   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD2E009 TI1-TPD2E009_14 Datasheet
1Mb / 18P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com