データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD12S015 データシート(PDF) 9 Page - Texas Instruments

部品番号 TPD12S015
部品情報  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S015 データシート(HTML) 9 Page - Texas Instruments

Back Button TPD12S015_14 Datasheet HTML 5Page - Texas Instruments TPD12S015_14 Datasheet HTML 6Page - Texas Instruments TPD12S015_14 Datasheet HTML 7Page - Texas Instruments TPD12S015_14 Datasheet HTML 8Page - Texas Instruments TPD12S015_14 Datasheet HTML 9Page - Texas Instruments TPD12S015_14 Datasheet HTML 10Page - Texas Instruments TPD12S015_14 Datasheet HTML 11Page - Texas Instruments TPD12S015_14 Datasheet HTML 12Page - Texas Instruments TPD12S015_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TPD12S015
www.ti.com
SLLSE19E – DECEMBER 2009 – REVISED JUNE 2013
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL
Bus load capacitance (B side)
750
pF
Bus load capacitance (A side)
15
Voltage Level Shifter: SCL, SDA Lines (x_A & x_B ports); VCCA = 1.2V
VCCA = 1.2 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay
A to B
DDC Channels Enabled
344
ns
B to A
335
tPLH
Propagation delay
A to B
DDC Channels Enabled
452
ns
B to A
178
tf
A port fall time
A Port
DDC Channels Enabled
138
ns
B port fall time
B Port
83
tr
A port rise time
A Port
DDC Channels Enabled
194
ns
B port rise time
B Port
92
fMAX
Maximum switching frequency
DDC Channels Enabled
400
kHz
Voltage Level Shifter: CEC Line (x_A & x_B ports); VCCA = 1.2V
VCCA = 1.2 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay
A to B
CEC Channels Enabled
445
ns
B to A
337
tPLH
A to B
13
μs
B to A
0.266
tf
A port fall time
A Port
CEC Channels Enabled
140
ns
B port fall time
B Port
96
tr
A port rise time
A Port
CEC Channels Enabled
202
ns
B port rise time
B Port
15
μs
Voltage Level Shifter: HPD Line (x_A & x_B ports); VCCA = 1.2V
VCCA = 1.2 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay
B to A
CEC Channels Enabled
10
μs
tPLH
B to A
9
tf
A port fall time
A Port
CEC Channels Enabled
0.67
ns
tr
A port rise time
A Port
CEC Channels Enabled
0.74
ns
Voltage Level Shifter: SCL, SDA Lines (x_A & x_B ports); VCCA = 1.5V
VCCA = 1.5 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay
A to B
DDC Channels Enabled
335
B to A
265
ns
tPLH
A to B
438
B to A
169
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPD12S015


同様の部品番号 - TPD12S015_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015AYFFR TI1-TPD12S015AYFFR Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015YFFR TI-TPD12S015YFFR Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results

同様の説明 - TPD12S015_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com