データシートサーチシステム |
|
FODB100V データシート(PDF) 5 Page - Fairchild Semiconductor |
|
FODB100V データシート(HTML) 5 Page - Fairchild Semiconductor |
5 / 8 page 5 www.fairchildsemi.com FODB100, FODB101, FODB102 Rev. 1.0.0 Tape and Reel Specifications Dimensions are in millimeter P1 A0 D1 P0 F W E1 D0 E2 B0 Tc Wc Pkg type A0 3.80 ±0.10 B0 3.80 ±0.10 WD0 D1 1.50 +0.25/ –0.00 Tape Size 12mm 13" Dia 13.00 330 0.059 1.5 512 +0.020/–0.008 13 +0.5/–0.2 0.795 20.2 7.00 178 0.488 +0.078/–0.000 12.4 +2/–0 0.724 18.4 0.469 – 0.606 11.9 – 15.4 Reel Option Dim A Dim B Dim C Dim D Dim N Dim W1 Dim W2 Dim W3 (LSL–USL) 1.50 +0.25/ –0.00 12.0 +0.3/ –0.1 E1 1.75 ±0.10 E2 10.25 min F 5.50 ±0.05 P1 8.0 ±0.1 P0 4.0 ±0.1 K0 1.40 ±0.10 T 0.279 ±0.02 Wc 9.2 ±0.3 Tc 0.06 ±0.02 Optocoupler (12mm) K0 T Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C). 20 deg maximum component rotation 0.5mm maximum 0.5mm maximum Sketch C (Top View) Component lateral movement Typical component cavity center line Typical component center line 20 deg maximum B0 A0 Sketch B (Top View) Component Rotation Sketch A (Side or Front Sectional View) Component Rotation User Direction of Feed Embossed Carrier Tape Configuration Optocoupler Reel Configuration Dimension are in inches and millimeters See detail AA Dim A max 13"Diameter Reel W3 W2 max Measured at Hub W1 Measured at Hub Dim N Dim D min Dim C B Min DETAIL AA |
同様の部品番号 - FODB100V |
|
同様の説明 - FODB100V |