データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2586T-ADJ データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2586T-ADJ
部品情報  SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2586T-ADJ データシート(HTML) 6 Page - Texas Instruments

Back Button LM2586T-ADJ Datasheet HTML 2Page - Texas Instruments LM2586T-ADJ Datasheet HTML 3Page - Texas Instruments LM2586T-ADJ Datasheet HTML 4Page - Texas Instruments LM2586T-ADJ Datasheet HTML 5Page - Texas Instruments LM2586T-ADJ Datasheet HTML 6Page - Texas Instruments LM2586T-ADJ Datasheet HTML 7Page - Texas Instruments LM2586T-ADJ Datasheet HTML 8Page - Texas Instruments LM2586T-ADJ Datasheet HTML 9Page - Texas Instruments LM2586T-ADJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LM2586
SNVS121D – MAY 1996 – REVISED APRIL 2013
www.ti.com
LM2586-ADJ (continued)
Symbol
Parameters
Conditions
Typical
Min
Max
Units
ICL
NPN Switch Current Limit
4.0
3.0
7.0
A
VSTH
Synchronization
FSYNC = 200 kHz
0.75
0.625/0.40
0.875/1.00
V
Threshold Voltage
VCOMP = 1V, VIN = 5V
ISYNC
Synchronization
VIN = 5V
100
200
μA
Pin Current
VCOMP = 1V, VSYNC = VSTH
VSHTH
ON/OFF Pin (Pin 1)
VCOMP = 1V
1.6
1.0/0.8
2.2/2.4
V
Threshold Voltage
(7)
ISH
ON/OFF Pin (Pin 1)
VCOMP = 1V
40
15/10
65/75
μA
Current
VSH = VSHTH
θJA
Thermal Resistance
NDZ Package, Junction to
65
Ambient (8)
θJA
NDZ Package, Junction to
45
Ambient (9)
θJC
NDZ Package, Junction to Case
2
θJA
KTW Package, Junction to
56
°C/W
Ambient (10)
θJA
KTW Package, Junction to
35
Ambient (11)
θJA
KTW Package, Junction to
26
Ambient (12)
θJC
KTW Package, Junction to Case
2
(7)
When testing the minimum value, do not sink current from this pin—isolate it with a diode. If current is drawn from this pin, the frequency
adjust circuit will begin operation (Figure 55).
(8)
Junction to ambient thermal resistance (no external heat sink) for the 7 lead TO-220 package mounted vertically, with ½ inch leads in a
socket, or on a PC board with minimum copper area.
(9)
Junction to ambient thermal resistance (no external heat sink) for the 7 lead TO-220 package mounted vertically, with ½ inch leads
soldered to a PC board containing approximately 4 square inches of (1 oz.) copper area surrounding the leads.
(10) Junction to ambient thermal resistance for the 7 lead DDPAK mounted horizontally against a PC board area of 0.136 square inches (the
same size as the DDPAK package) of 1 oz. (0.0014 in. thick) copper.
(11) Junction to ambient thermal resistance for the 7 lead DDPAK mounted horizontally against a PC board area of 0.4896 square inches
(3.6 times the area of the DDPAK package) of 1 oz. (0.0014 in. thick) copper.
(12) Junction to ambient thermal resistance for the 7 lead DDPAK mounted horizontally against a PC board copper area of 1.0064 square
inches (7.4 times the area of the DDPAK package) of 1 oz. (0.0014 in. thick) copper. Additional copper area will reduce thermal
resistance further. See the thermal model in Switchers Made Simple® software.
6
Submit Documentation Feedback
Copyright © 1996–2013, Texas Instruments Incorporated
Product Folder Links: LM2586


同様の部品番号 - LM2586T-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2586T-ADJ NSC-LM2586T-ADJ Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2586T-ADJ NSC-LM2586T-ADJ Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results

同様の説明 - LM2586T-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2585 TI-LM2585_15 Datasheet
3Mb / 32P
[Old version datasheet]   LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com