データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2857 データシート(PDF) 3 Page - NEC

部品番号 2SK2857
部品情報  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

2SK2857 データシート(HTML) 3 Page - NEC

  2SK2857 Datasheet HTML 1Page - NEC 2SK2857 Datasheet HTML 2Page - NEC 2SK2857 Datasheet HTML 3Page - NEC 2SK2857 Datasheet HTML 4Page - NEC 2SK2857 Datasheet HTML 5Page - NEC 2SK2857 Datasheet HTML 6Page - NEC 2SK2857 Datasheet HTML 7Page - NEC 2SK2857 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D11648EJ2V0DS00
3
2SK2857
TYPICAL CHARACTERISTICS (TA = 25°C)
30
150
60
90
20
60
80
40
0
100
120
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
FORWARD BIAS SAFE OPERATING AREA
10
100
1
VDS - Drain to Source Voltage - V
100
10
1
0.1
PW
=1
m
s
100
m
s
10
ms
R
DS(on)
Limited
(@V
GS
=1
0
V)
DC
TA = 25˚C
Single Pulse
Mounted on Ceramic
Board of 16cm x 0.7mm
2
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.4
1.6
2.0
0.8
1.2
0.4
1.2
1.6
0.8
0
2.0
6 V
4 V
VGS = 2 V
8 V
1
23
10
1
0.1
0.01
5
4
20
75˚C
TA = 125˚C
VGS - Gate to Sorce Voltage - V
25˚C
−25˚C
VDS = 10 V
TRANSFER CHARACTERISTICS
1
10
10
0.1
1
0.1
VDS = 10 V
20
20
25 ˚C
75 ˚C
125 ˚C
ID - Drain Current - A
TA =
−25 ˚C
FORWARD TRANSFER ADMMITTANCE Vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
1
0.1
10
20
ID - Drain Current - A
0
TA = 125˚C
75˚C
−25˚C
25˚C
80
120
160
200
240
40
VGS = 4 V


同様の部品番号 - 2SK2857

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SK2857 KEXIN-2SK2857 Datasheet
44Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK2857 VBSEMI-2SK2857 Datasheet
1,019Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK2857 RENESAS-2SK2857 Datasheet
305Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
logo
Guangdong Kexin Industr...
2SK2857-HF KEXIN-2SK2857-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Renesas Technology Corp
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results

同様の説明 - 2SK2857

メーカー部品番号データシート部品情報
logo
NEC
2SK3576 NEC-2SK3576 Datasheet
66Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA611TA NEC-UPA611TA Datasheet
52Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK1399 NEC-2SK1399 Datasheet
46Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3503 NEC-2SK3503 Datasheet
114Kb / 5P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA675T NEC-UPA675T Datasheet
49Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3107 NEC-2SK3107 Datasheet
50Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2858 NEC-2SK2858 Datasheet
50Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3577 NEC-2SK3577 Datasheet
70Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2541 NEC-2SK2541 Datasheet
294Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING?
2SJ461 NEC-2SJ461 Datasheet
278Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com