データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2857 データシート(PDF) 2 Page - NEC

部品番号 2SK2857
部品情報  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

2SK2857 データシート(HTML) 2 Page - NEC

  2SK2857 Datasheet HTML 1Page - NEC 2SK2857 Datasheet HTML 2Page - NEC 2SK2857 Datasheet HTML 3Page - NEC 2SK2857 Datasheet HTML 4Page - NEC 2SK2857 Datasheet HTML 5Page - NEC 2SK2857 Datasheet HTML 6Page - NEC 2SK2857 Datasheet HTML 7Page - NEC 2SK2857 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D11648EJ2V0DS00
2
2SK2857
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Cut-off Current
IDSS
VDS = 60 V, VGS = 0 V
10
µA
Gate Leakage Current
IGSS
VGS = ±20 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.0
1.4
2.0
V
Forward Transfer Admittance
| yfs |
VDS = 10 V, ID = 2 A
1
S
RDS(on)1
VGS = 4 V, ID = 1.5 A
150
220
m
Drain to Source On-state Resistance
RDS(on)2
VGS = 10 V, ID = 2.5 A
110
150
m
Input Capacitance
Ciss
265
pF
Output Capacitance
Coss
125
pF
Reverse Transfer Capacitance
Crss
VDS = 10 V
VGS = 0 V
f = 1 MHz
56
pF
Turn-on Delay Time
td(on)
8ns
Rise Time
tr
11
ns
Turn-off Delay Time
td(off)
52
ns
Fall Time
tf
VDD = 25 V, ID = 1 A
VGS(on) = 10 V, RG = 10
RL = 25
22
ns
Total Gate Charge
QG
10.6
nC
Gate to Source Charge
QGS
0.7
nC
Gate to Drain Charge
QGD
VDS = 48 V
VGS = 10 V
ID = 4 A
3.5
nC
Diode Forward Voltage
VF(S-D)
IF = 4 A, VGS = 0 V
0.86
V
Reverse Recovery Time
trr
49
ns
Reverse Recovery Charge
Qrr
IF = 4 A, VGS = 0 V
di/dt = 50 A /
µs
26.6
nC
TEST CIRCUIT 1 SWITCHING TIME
TEST CIRCUIT 2 GATE CHARGE
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
10 %
90 %
VGS(on)
10 %
0
ID
90 %
90 %
td(on)
tr
td(off)
tf
10 %
τ
RG = 10
ID
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA


同様の部品番号 - 2SK2857

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SK2857 KEXIN-2SK2857 Datasheet
44Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK2857 VBSEMI-2SK2857 Datasheet
1,019Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK2857 RENESAS-2SK2857 Datasheet
305Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
logo
Guangdong Kexin Industr...
2SK2857-HF KEXIN-2SK2857-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Renesas Technology Corp
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results

同様の説明 - 2SK2857

メーカー部品番号データシート部品情報
logo
NEC
2SK3576 NEC-2SK3576 Datasheet
66Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA611TA NEC-UPA611TA Datasheet
52Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK1399 NEC-2SK1399 Datasheet
46Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3503 NEC-2SK3503 Datasheet
114Kb / 5P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA675T NEC-UPA675T Datasheet
49Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3107 NEC-2SK3107 Datasheet
50Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2858 NEC-2SK2858 Datasheet
50Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3577 NEC-2SK3577 Datasheet
70Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2541 NEC-2SK2541 Datasheet
294Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING?
2SJ461 NEC-2SJ461 Datasheet
278Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com