データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2731 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM2731
部品情報  0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2731 データシート(HTML) 1 Page - Texas Instruments

  LM2731_14 Datasheet HTML 1Page - Texas Instruments LM2731_14 Datasheet HTML 2Page - Texas Instruments LM2731_14 Datasheet HTML 3Page - Texas Instruments LM2731_14 Datasheet HTML 4Page - Texas Instruments LM2731_14 Datasheet HTML 5Page - Texas Instruments LM2731_14 Datasheet HTML 6Page - Texas Instruments LM2731_14 Datasheet HTML 7Page - Texas Instruments LM2731_14 Datasheet HTML 8Page - Texas Instruments LM2731_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Efficiency vs Load Current
LOAD CURRENT (mA)
3.3 -5V Boost
^z_ s Υ]}v
0
200
400
600
800
70
80
90
100
LM2731
³<´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
3.3 VIN
C1
2.2PF
R2
13.3K
CF
470pF
D1
MBR0520
R1/40.5K
L1/6.8PH
C2
22PF
5V
OUT
700mA
(TYP)
Efficiency vs Load Current
LOAD CURRENT (mA)
0 100
200
300 400
70
80
90
100
LM2731
³;´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
5 VIN
C1
2.2PF
R2
13.3K
CF
220pF
D1
MBR0520
R1/117K
L1/10PH
C2
4.7PF
12V
OUT
500mA
(TYP)
500
5 - 12V Boost
^y_ s Υ]}v
LM2731
www.ti.com
SNVS217E – MAY 2004 – REVISED APRIL 2010
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
Check for Samples: LM2731
1
FEATURES
Cycle-by-cycle current limiting
Internally compensated
2
22V DMOS FET switch
1.6 MHz (“X”), 0.6 MHz (“Y”) switching
APPLICATIONS
frequency
White LED Current Source
Low RDS(ON) DMOS FET
PDA’s and Palm-Top Computers
Switch current up to 1.8A
Digital Cameras
Wide input voltage range (2.7V–14V)
Portable Phones and Games
Low shutdown current (<1 µA)
Local Boost Regulator
5-Lead SOT-23 package
Uses tiny capacitors and inductors
DESCRIPTION
The LM2731 switching regulators are current-mode boost converters operating at fixed frequencies of 1.6 MHz
(“X” option) and 600 kHz (“Y” option).
The use of SOT-23 package, made possible by the minimal power loss of the internal 1.8A switch, and use of
small inductors and capacitors result in the industry's highest power density. The 22V internal switch makes
these solutions perfect for boosting to voltages up to 20V.
These parts have a logic-level shutdown pin that can be used to reduce quiescent current and extend battery life.
Protection is provided through cycle-by-cycle current limiting and thermal shutdown. Internal compensation
simplifies design and reduces component count.
Table 1. Switch Frequency
X
Y
1.6 MHz
0.6 MHz
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM2731_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
More results

同様の説明 - LM2731_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com