データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WW122KWW1 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 WW122KWW1
部品情報  General Purpose and Precision Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

WW122KWW1 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  WW122KWW1 Datasheet HTML 1Page - List of Unclassifed Manufacturers WW122KWW1 Datasheet HTML 2Page - List of Unclassifed Manufacturers WW122KWW1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev Date: 08/07/2014
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WW/MWW/NWW Series
General Purpose and Precision Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
0.312 ± 0.062
0.110 ± 0.031
0.025 ± 0.002
1.500 typ.
inches
7.92 ± 1.57
2.79 ± 0.79
0.64 ± 0.05
38.10 typ.
mm
0.375 ± 0.062
0.110 ± 0.031
0.025 ± 0.002
1.500 typ.
inches
9.53 ± 1.57
2.79 ± 0.79
0.64 ± 0.05
38.10 typ.
mm
0.420 ± 0.062
0.110 ± 0.031
0.025 ± 0.002
1.500 typ.
inches
10.67 ± 1.57
2.79 ± 0.79
0.64 ± 0.05
38.10 typ.
mm
0.370 ± 0.062
0.156 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
9.40 ± 1.57
3.96 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.550 ± 0.062
0.156 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
13.97 ± 1.57
3.96 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.560 ± 0.062
0.187 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
14.22 ± 1.57
4.75 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.500 ± 0.062
0.218 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
12.70 ± 1.57
5.54 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.700 ± 0.062
0.270 ± 0.031
0.036 ± 0.002
1.500 typ.
inches
17.78 ± 1.57
6.86 ± 0.79
0.91 ± 0.05
38.10 typ.
mm
0.875 ± 0.062
0.312 ± 0.031
0.036 ± 0.002
1.500 typ.
inches
22.23 ± 1.57
7.92 ± 0.79
0.91 ± 0.05
38.10 typ.
mm
1.000 ± 0.062
0.312 ± 0.031
0.036 ± 0.002
1.500 typ.
inches
25.40 ± 1.57
7.92 ± 0.79
0.91 ± 0.05
38.10 typ.
mm
1.200 ± 0.062
0.312 ± 0.031
0.036 ± 0.002
1.500 typ.
inches
30.48 ± 1.57
7.92 ± 0.79
0.91 ± 0.05
38.10 typ.
mm
1.780 ± 0.062
0.375 ± 0.031
0.040 ± 0.002 (2)
1.500 typ.
inches
45.21 ± 1.57
9.53 ± 0.79
1.02 ± 0.05
(2)
38.10 typ.
mm
0.385 ± 0.062
0.135 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
9.78 ± 1.57
3.43 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.560 ± 0.062
0.205 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
14.22 ± 1.57
5.21 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.925 ± 0.062
0.330 ± 0.031
0.036 ± 0.002
1.500 typ.
inches
23.50 ± 1.57
8.38 ± 0.79
0.91 ± 0.05
38.10 typ.
mm
1.965 ± 0.062
0.480 ± 0.031
0.040 ± 0.002
1.500 typ.
inches
49.91 ± 1.57
12.19 ± 0.79
1.02 ± 0.05
38.10 typ.
mm
(1) See "Resistor Packaging Specification Document" for lead length dimension for tape and reel packaged product
(2) Available in 0.036" / 0.91mm
NMWW1
NMWW3
NMWW5
NMWW10
NWW5, NWWS7
NWW7
NWW7B, NWWS10
NWW10
NWW2A
NWW3, NWWS4
NWW3A
NWW4, NWWS5
NWW12
NWW1, NWWS2
NWW1A
NWW2, NWWS3
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
WW12
WW3, WWS4
WW3A
WW4, WWS5
WW1, WWS2
WW1A
WW2, WWS3
WW2A
MWW10
WW5, WWS7
WW7
WW7B, WWS10
WW10
MWW1
MWW3
MWW5
A
B
C
Unit
Type / Code
D
(Bulk) (1)
Test
Test Condition
Result
Moisture Resistance
1000 hours, 95% R.H., 40ºC
1% max
Load Life
1000 hours,
cycled power 1.5 hours ON, 0.5 hours OFF, 25ºC
1%
Temperature Cycling
5 cycles, -55ºC to 200ºC
0.5%
Short Time Overload
5 times rated power for 5 seconds
1%
Dielectric Withstand Voltage
Resistor leads are grounded and high potential probe is
touched to the resistor body
500V for (N)WW12, 1, 1A and 2S.
1000V for all others
Operating Temperature Range: -55ºC to +350ºC
Mechanical Specifications
Performance Characteristics


同様の部品番号 - WW122KWW1

メーカー部品番号データシート部品情報
logo
Stackpole Electronics, ...
WW12 SEI-WW12 Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
logo
Superworld Electronics
WW1201A0 SUPERWORLD-WW1201A0 Datasheet
161Kb / 4P
   Linear Adaptors
WW120200 SUPERWORLD-WW120200 Datasheet
161Kb / 4P
   Linear Adaptors
WW120250 SUPERWORLD-WW120250 Datasheet
161Kb / 4P
   Linear Adaptors
WW120300 SUPERWORLD-WW120300 Datasheet
161Kb / 4P
   Linear Adaptors
More results

同様の説明 - WW122KWW1

メーカー部品番号データシート部品情報
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
WW1FT1K00 SEI-WW1FT1K00 Datasheet
373Kb / 7P
   WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
WWF SEI-WWF Datasheet
217Kb / 4P
   General Purpose Fusing Wirewound Resistor
11/23/2020
logo
IRC - a TT electronics ...
SPH1505LF IRCTT-SPH1505LF Datasheet
563Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SP-201505LF IRCTT-SP-201505LF_08 Datasheet
246Kb / 3P
   General Purpose Failsafe Molded Wirewound Resistor
SP-201505LF IRCTT-SP-201505LF Datasheet
540Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SPH1500JLF IRCTT-SPH1500JLF Datasheet
245Kb / 3P
   General Purpose Failsafe Molded Wirewound Resistor
PWR101202JLF IRCTT-PWR101202JLF Datasheet
141Kb / 2P
   General Purpose Stand-Up Power Wirewound Resistor
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com