データシートサーチシステム |
|
FP0015 データシート(PDF) 1 Page - Solid States Devices, Inc |
|
FP0015 データシート(HTML) 1 Page - Solid States Devices, Inc |
1 / 2 page Solid State Devices, Inc. 14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com Designer’s Data Sheet FEATURES: • Rugged Construction with Poly Silicon Gate • Low RDS(on) and High Transconductance • Excellent High Temperature Stability • Very Fast Switching Speed • Fast Recovery and Superior dv/dt Performance • Increased Reverse Energy Capability • Low Input and Transfer Capacitance for Easy Paralleling • Hermetically Sealed • Replaces: IRF9140 Types • TX, TXV, and Space Level Screening Available. Consult Factory. SFF9140J -18 AMPS -100 VOLTS 0.20 Ω P-CHANNEL POWER MOSFET TO-257 MAXIMUM RATINGS Symbol Value Units Drain to Source Voltage VDS -100 Volts Gate to Source Voltage VGS ±20 Volts Continuous Drain Current TC = 25 oC TC = 100 oC ID -18 -11 Amps Operating and Storage Temperature TOP & Tstg -55 to +150 oC Thermal Resistance, Junction to Case RθJC 2.0 oC/W Total Device Dissipation TC = 25 oC TC = 55 oC PD 63 48 Watts Single Pulse Avalanche Energy EAS 500 mJ Repetitive Avalanche Energy EAR 12.5 mJ PACKAGE OUTLINE: TO-257 (J) PINOUT: PIN 1: DRAIN PIN 2: SOURCE PIN 3: GATE SUFFIX JDB SUFFIX JUB NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: FP0015G DOC |
同様の部品番号 - FP0015 |
|
同様の説明 - FP0015 |