データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2794 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM2794
部品情報  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2794 データシート(HTML) 10 Page - Texas Instruments

Back Button LM2794_14 Datasheet HTML 6Page - Texas Instruments LM2794_14 Datasheet HTML 7Page - Texas Instruments LM2794_14 Datasheet HTML 8Page - Texas Instruments LM2794_14 Datasheet HTML 9Page - Texas Instruments LM2794_14 Datasheet HTML 10Page - Texas Instruments LM2794_14 Datasheet HTML 11Page - Texas Instruments LM2794_14 Datasheet HTML 12Page - Texas Instruments LM2794_14 Datasheet HTML 13Page - Texas Instruments LM2794_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
¸¸
¹
·
¨¨
©
§
¸¸
¹
·
¨¨
©
§
Amps
1
10
*
188
BRGT
V
*
+
385
.
0
.
0
SET
R
*
o
MirrorRati
OFFSET
V
+
BRGT
V
385
.
0
*
R
SET
LED =
I
LED =
I
LM2794, LM2795
SNVS168K – MAY 2004 – REVISED MAY 2004
www.ti.com
In addition to RSET, a voltage may be applied to the VBRGT pin to vary the LED current. By adjusting current with
the Brightness pin (BRGT), the brightness of the LEDs can be smoothly varied.
Applying a voltage on BRGT between 0 to 3 volts will linearly vary the LED current. Voltages above 3V do not
increase the LED current any further. The voltage on the VBRGT pin is fed into an internal resistor network with a
ratio of 0.385. The resulting voltage is then summed with a measured offset voltage of 0.188V, which comes
from the reference voltage being fed through a resistor network (See Functional Block Diagram). The
brightness control circuitry then uses the summed voltage to control the voltage across RSET. An equation for
approximating the LED current is:
ILED CURRENT SELECTION PROCEDURES
The following procedures illustrate how to set and adjust output current levels. For constant brightness or analog
brightness control, go to “Brightness control using BRGT”. Otherwise refer to “Brightness control using PWM”.
Brightness Control Using PWM
1. Set the BRGT pin to 0V.
2. Determine the maximum desired ILED current. Use the ILED equation to calculate RSET by setting BRGT to 0V
or use Table 3 to select a value for RSET when BRGT equals 0V.
3. Brightness control can be implemented by pulsing a signal at the SD pin. LED brightness is proportional to
the duty cycle (D) of the PWM signal. For linear brightness control over the full duty cycle adjustment range,
the PWM frequency (f) should be limited to accommodate the turn-on time (TON = 100µs) of the device.D ×
(1/f) > TONfMAX = DMIN ÷ TONIf the PWM frequency is much less than 100Hz, flicker may be seen in the LEDs.
For the LM2794, zero duty cycle will turn off the LEDs and a 50% duty cycle will result in an average ILED
being half of the programmed LED current. For example, if RSET is set to program 15mA, a 50% duty cycle
will result in an average ILED of 7.5mA. For the LM2795 however, 100% duty cycle will turn off the LEDs and
a 50% duty cycle will result in an average ILED being half the programmed LED current.
Brightness Control Using BRGT
1. Choose the maximum ILED desired and determine the max voltage to be applied to the BRGT pin. For
constant brightness, set BRGT to a fixed voltage between 0V to 3V.
2. Use Table 3 to determine the value of RSET required or use the ILED equation above to calculate RSET.
3. Use Table 4 as a reference for the dimming profile of the LEDs, when BRGT ranges from 0V to 3V.
Table 3. RSET Values
LED Current
BRGT
5mA
10mA
15mA
20mA
0.0V
374
187
124
93.1
0.5V
768
383
255
191
1.0V
1.15K
576
383
287
1.5V
1.54K
768
511
383
2.0V
1.91K
953
624
475
2.5V
2.32K
1.15K
768
576
3.0V
2.67K
1.33K
909
665
Table 4. LED Current
RSET Values
BRGT
2.67K
1.33K
909
665
0.0V
0.7mA
1.4mA
2.1mA
2.8mA
10
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM2794 LM2795


同様の部品番号 - LM2794_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2794BL NSC-LM2794BL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794BLX NSC-LM2794BLX Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794TL NSC-LM2794TL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794TL/NOPB TI1-LM2794TL/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794TLX NSC-LM2794TLX Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
More results

同様の説明 - LM2794_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com