データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2794 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM2794
部品情報  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2794 データシート(HTML) 11 Page - Texas Instruments

Back Button LM2794_14 Datasheet HTML 7Page - Texas Instruments LM2794_14 Datasheet HTML 8Page - Texas Instruments LM2794_14 Datasheet HTML 9Page - Texas Instruments LM2794_14 Datasheet HTML 10Page - Texas Instruments LM2794_14 Datasheet HTML 11Page - Texas Instruments LM2794_14 Datasheet HTML 12Page - Texas Instruments LM2794_14 Datasheet HTML 13Page - Texas Instruments LM2794_14 Datasheet HTML 14Page - Texas Instruments LM2794_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LM2794/95
3.0V
GND
BRGT
DKX
DK2
DK1
*Optional
Independent
Shutdown
5mA
(3/2) VIN = approx. 4.5V
POUT
RSET
D4
D3
D2
D1
124:
CIN
1 …F
VIN
C1-
C1+ C2-
C2+
CPOUT
1 …F
C2
1 …F
C1
1 …F
15mA each
= 60 mA
Total
Keypad LEDs
LM2794, LM2795
www.ti.com
SNVS168K – MAY 2004 – REVISED MAY 2004
Table 4. LED Current (continued)
RSET Values
BRGT
2.67K
1.33K
909
665
0.5V
1.4mA
2.9mA
4.2mA
5.7mA
1.0V
2.1mA
4.3mA
6.3mA
8.6mA
1.5V
2.9mA
5.8mA
8.4mA
11.5mA
2.0V
3.6mA
7.2mA
10.5mA
14.4mA
2.5V
4.3mA
8.7mA
12.7mA
17.3mA
3.0V
5.0mA
10.1mA
14.8mA
20.2mA
CHARGE PUMP OUTPUT (POUT)
The LM2794/5 charge pump is an unregulated switched capacitor converter with a gain of 1.5. The voltage at the
output of the pump (the POUT pin) is nominally 1.5 × VIN. This rail can be used to deliver additional current to
other circuitry. Figure 3 shows how to connect additional LEDs to POUT. A ballast resistor sets the current through
each LED, and LED current matching is dependent on the LED forward voltage matching. Because of this, LEDs
driven by POUT are recommended for functions where brightness matching is not critical, such as keypad
backlighting.
Since POUT is unregulated, driving LEDs directly off POUT is usually practical only with a fixed input voltage. If the
input voltage is not fixed (Li-Ion battery, for example), using a linear regulator between the POUT pin and the
LEDs is recommended. National Semiconductor's LP3985-4.5V low-dropout linear regulator is a good choice for
such an application.
The voltage at POUT is dependent on the input voltage supplied to the LM2794/5, the total LM2794/5 output
current, and the output resistance (ROUT) of the LM2794/5 charge pump. Output resistance is a model of the
switching losses of the charge pump. Resistances of the internal charge pump switches (MOS transistors) are a
primary component of the LM2794/5 output resistance. Typical LM2794/5 output resistance is 3.0
Ω. For worst-
case design calculations, using an output resistance of 3.5
Ω is recommended. (Worst-case recommendation
accounts for parameter shifts from part-to-part variation and applies over the full operating temperature range).
Figure 3. Keypad LEDs Connected to POUT
Output resistance results in droop in the POUT voltage proportional to the amount of current delivered by the
pump. The POUT voltage is an important factor in determining the total output current capability of an application.
Taking total output current to be the sum of all DX output currents plus the current delivered through the POUT pin,
the voltage at POUT can be predicted with the following equations:
ITOTAL = ID1 + ID2 + ID3 + ID4 + IPOUT
(1)
VPOUT = 1.5 × VIN − ITOTAL × ROUT
(2)
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2794 LM2795


同様の部品番号 - LM2794_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2794BL NSC-LM2794BL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794BLX NSC-LM2794BLX Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794TL NSC-LM2794TL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794TL/NOPB TI1-LM2794TL/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794TLX NSC-LM2794TLX Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
More results

同様の説明 - LM2794_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com