データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2795 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM2795
部品情報  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2795 データシート(HTML) 2 Page - Texas Instruments

  LM2795 Datasheet HTML 1Page - Texas Instruments LM2795 Datasheet HTML 2Page - Texas Instruments LM2795 Datasheet HTML 3Page - Texas Instruments LM2795 Datasheet HTML 4Page - Texas Instruments LM2795 Datasheet HTML 5Page - Texas Instruments LM2795 Datasheet HTML 6Page - Texas Instruments LM2795 Datasheet HTML 7Page - Texas Instruments LM2795 Datasheet HTML 8Page - Texas Instruments LM2795 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
A1
B2
C1
D2
E1
E3
E5
E7
D6
C7
B6
A7
A5
A3
LM2794, LM2795
SNVS168K – MAY 2004 – REVISED MAY 2004
www.ti.com
Connection Diagram
Figure 1. Bottom View
Pin Functions
Pin Description
Pin(*)
Name
Function
A1
C1+
Positive terminal of C1
B2
C1
Negative terminal of C1
C1
VIN
Power supply voltage input
D2
GND
Power supply ground input
E1
C2
Negative terminal of C2
E3,E5,E7,D6
D1
−4
Current source outputs. Connect directly to LED
C7
ISET
Current Sense Input. Connect 1% resistor to ground to set constant current through LED
B6
BRGT
Variable voltage input controls output current
A7
SD
The LM2794 has an active-low shutdown pin (LOW = shutdown, HIGH = operating). The LM2795
has an active-high shutdown pin (HIGH = shutdown, LOW = operating) that has a pull-up to VIN.
A5
C2+
Positive terminal of C2
A3
POUT
Charge pump output
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM2794 LM2795


同様の部品番号 - LM2795

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2795 TI1-LM2795 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951 TI1-LM27951 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
logo
National Semiconductor ...
LM27951SD NSC-LM27951SD Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951SD TI1-LM27951SD Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results

同様の説明 - LM2795

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com