データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2831 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2831
部品情報  High Frequency 1.5A Load - Step-Down DC-DC Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2831 データシート(HTML) 2 Page - Texas Instruments

  LM2831 Datasheet HTML 1Page - Texas Instruments LM2831 Datasheet HTML 2Page - Texas Instruments LM2831 Datasheet HTML 3Page - Texas Instruments LM2831 Datasheet HTML 4Page - Texas Instruments LM2831 Datasheet HTML 5Page - Texas Instruments LM2831 Datasheet HTML 6Page - Texas Instruments LM2831 Datasheet HTML 7Page - Texas Instruments LM2831 Datasheet HTML 8Page - Texas Instruments LM2831 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
1
2
3
4
6
5
EN
FB
SW
DAP
VINA
VIND
GND
VIN
SW
2
1
3
5
4
EN
FB
GND
LM2831
SNVS422B – AUGUST 2006 – REVISED JANUARY 2012
www.ti.com
Connection Diagrams
Figure 1. 6-Pin WSON
Figure 2. 5-Pin SOT-23
See Package Number NGG
See Package Number DBV
PIN DESCRIPTIONS (5-PIN SOT-23)
Pin
Name
Function
1
SW
Output switch. Connect to the inductor and catch diode.
2
GND
Signal and power ground pin. Place the bottom resistor of the feedback network as close as possible
to this pin.
3
FB
Feedback pin. Connect to external resistor divider to set output voltage.
4
EN
Enable control input. Logic high enables operation. Do not allow this pin to float or be greater than VIN
+ 0.3V.
5
VIN
Input supply voltage.
PIN DESCRIPTIONS (6-PIN WSON)
Pin
Name
Function
1
FB
Feedback pin. Connect to external resistor divider to set output voltage.
2
GND
Signal and power ground pin. Place the bottom resistor of the feedback network as close as
possible to this pin.
3
SW
Output switch. Connect to the inductor and catch diode.
4
VIND
Power Input supply.
5
VINA
Control circuitry supply voltage. Connect VINA to VIND on PC board.
6
EN
Enable control input. Logic high enables operation. Do not allow this pin to float or be greater than
VINA + 0.3V.
DAP
Die Attach Pad
Connect to system ground for low thermal impedance, but it cannot be used as a primary GND
connection.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN
-0.5V to 7V
FB Voltage
-0.5V to 3V
EN Voltage
-0.5V to 7V
SW Voltage
-0.5V to 7V
ESD Susceptibility
2kV
Junction Temperature(3)
150°C
Storage Temperature
−65°C to +150°C
Soldering Information
Infrared or Convection Reflow (15 sec)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device.
2
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Links: LM2831


同様の部品番号 - LM2831

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2831XMF NSC-LM2831XMF Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831XMF/NOPB TI-LM2831XMF/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2831XMFX NSC-LM2831XMFX Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
More results

同様の説明 - LM2831

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com