データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20343 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM20343
部品情報  36V, 3A Adjustable Frequency Synchronous Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20343 データシート(HTML) 4 Page - Texas Instruments

  LM20343_14 Datasheet HTML 1Page - Texas Instruments LM20343_14 Datasheet HTML 2Page - Texas Instruments LM20343_14 Datasheet HTML 3Page - Texas Instruments LM20343_14 Datasheet HTML 4Page - Texas Instruments LM20343_14 Datasheet HTML 5Page - Texas Instruments LM20343_14 Datasheet HTML 6Page - Texas Instruments LM20343_14 Datasheet HTML 7Page - Texas Instruments LM20343_14 Datasheet HTML 8Page - Texas Instruments LM20343_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM20343
SNVS559A – MAY 2008 – REVISED AUGUST 2008
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to +38V
BOOT to GND
-0.3V to +43V
BOOT to SW
-0.3V to +7V
SW to GND
-0.5V to +38V
SW to GND (Transient)
-1.5V (< 20 ns)
FB, EN, SS/TRK, RT, PGOOD to GND
-0.3V to +6V
VCC to GND
-0.3V to +8V
Storage Temperature
-65°C to 150°C
ESD Rating
Human Body Model(3)
2kV
(1)
Absolute Maximum Ratings indicate limits beyond witch damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor to each pin.
Operating Ratings
VIN to GND
+4.5V to +36V
Junction Temperature
−40°C to + 125°C
Electrical Characteristics
Unless otherwise stated, the following conditions apply: VVIN = 12V. Limits in standard type are for TJ = 25°C only, limits in
bold face type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are
guaranteed through test, design, or statistical correlation. Typical values represent the most likely parametric norm at
TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
Feedback Pin Voltage
VVIN = 4.5V to 36V
0.788
0.8
0.812
V
RHSW-DS(ON)
High-Side MOSFET On-Resistance
ISW = 3A
130
225
m
RLSW-DS(ON)
Low-Side MOSFET On-Resistance
ISW = 3A
110
190
m
IQ
Operating Quiescent Current
VVIN = 4.5V to 36V
2.3
3
mA
ISD
Shutdown Quiescent Current
VEN = 0V
150
180
µA
VUVLO
VIN Under Voltage Lockout
Rising VVIN
4
4.25
4.5
V
VUVLO(HYS)
VIN Under Voltage Lockout Hysteresis
350
450
mV
VVCC
VCC Voltage
IVCC = -5 mA, VEN = 5V
5.5
V
ISS
Soft-Start Pin Source Current
VSS = 0V
2
5
7
µA
VTRKACC
Soft-Start/Track Pin Accuracy
VSS = 0.4V
-10
5
15
mV
IBOOT
BOOT Diode Leakage
VBOOT = 4V
10
nA
VF-BOOT
BOOT Diode Forward Voltage
IBOOT = -100 mA
0.9
1.1
V
Powergood
VFB(OVP)
Over Voltage Protection Rising Threshold
VFB(OVP) / VFB
107
110
112
%
VFB(OVP-HYS)
Over Voltage Protection Hysteresis
ΔVFB(OVP) / VFB
2
3
%
VFB(PG)
PGOOD Threshold, VOUT Rising
VFB(PG) / VFB
93
95
97
%
VFB(PG-HYS)
PGOOD Hysteresis
ΔVFB(PG) / VFB
2
3
%
TPGOOD
PGOOD Delay
20
µs
IPGOOD(SNK)
PGOOD Low Sink Current
VPGOOD = 0.5V
0.6
1
mA
IPGOOD(SRC)
PGOOD High Leakage Current
VPGOOD = 5V
5
200
nA
Oscillator
FSW1
Switching Frequency 1
RRT = 49.9 kΩ
675
750
825
kHz
FSW2
Switching Frequency 2
RRT = 249 kΩ
225
250
325
kHz
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: LM20343


同様の部品番号 - LM20343_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results

同様の説明 - LM20343_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20143 TI1-LM20143_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com