データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20343 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM20343
部品情報  36V, 3A Adjustable Frequency Synchronous Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20343 データシート(HTML) 11 Page - Texas Instruments

Back Button LM20343_14 Datasheet HTML 7Page - Texas Instruments LM20343_14 Datasheet HTML 8Page - Texas Instruments LM20343_14 Datasheet HTML 9Page - Texas Instruments LM20343_14 Datasheet HTML 10Page - Texas Instruments LM20343_14 Datasheet HTML 11Page - Texas Instruments LM20343_14 Datasheet HTML 12Page - Texas Instruments LM20343_14 Datasheet HTML 13Page - Texas Instruments LM20343_14 Datasheet HTML 14Page - Texas Instruments LM20343_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM20343
www.ti.com
SNVS559A – MAY 2008 – REVISED AUGUST 2008
OPERATION DESCRIPTION
GENERAL
The LM20343 switching regulator features all of the functions necessary to implement an efficient buck regulator
using a minimum number of external components. This easy to use regulator features two integrated switches
and is capable of supplying up to 3A of continuous output current. The regulator utilizes peak current mode
control with nonlinear slope compensation to optimize stability and transient response over the entire output
voltage range. Peak current mode control also provides inherent line feed-forward, cycle-by-cycle current limiting
and easy loop compensation. The switching frequency can be varied from 250 kHz to 1 MHz with an external
resistor to ground. Fault protection features include: current limiting, thermal shutdown, over voltage protection,
and shutdown capability. The device is available in the HTSSOP package featuring an exposed pad to aid
thermal dissipation. The typical application circuit for the LM20343 is shown in Figure 25 in the design guide.
PRECISION ENABLE
The enable (EN) pin allows the output of the device to be enabled or disabled with an external control signal.
This pin is a precision analog input that enables the device when the voltage exceeds 1.25V (typical). The EN pin
has 50 mV of hysteresis and will disable the output when the enable voltage falls below 1.2V (typical). If the EN
pin is not used, it should be disconnected so the internal 2 µA pull-up will default this function to the enabled
condition. Since the enable pin has a precise turn-on threshold it can be used along with an external resistor
divider network from VIN to configure the device to turn-on at a precise input voltage. The precision enable
circuitry will remain active even when the device is disabled.
PEAK CURRENT MODE CONTROL
In most cases, the peak current mode control architecture used in the LM20343 only requires two external
components to achieve a stable design. The compensation can be selected to accommodate any capacitor type
or value. The external compensation also allows the user to set the crossover frequency and optimize the
transient performance of the device.
For duty cycles above 50% all peak current mode control buck converters require the addition of an artificial
ramp to avoid sub-harmonic oscillation. This artificial linear ramp is commonly referred to as slope compensation.
What makes the LM20343 unique is the amount of slope compensation will change depending on the output
voltage. When operating at high output voltages the device will have more slope compensation than when
operating at lower output voltages. This is accomplished in the LM20343 by using a non-linear parabolic ramp for
the slope compensation. The parabolic slope compensation of the LM20343 is an improvement over the
traditional linear slope compensation because it optimizes the stability of the device over the entire output voltage
range.
CURRENT LIMIT
The precise current limit enables the device to operate with smaller inductors that have lower saturation currents.
When the peak inductor current reaches the current limit threshold, an over current event is triggered and the
internal high-side FET turns off and the low-side FET turns on, allowing the inductor current to ramp down until
the next switching cycle. For each sequential over-current event, the reference voltage is decremented and PWM
pulses are skipped resulting in a current limit that does not aggressively fold back for brief over-current events,
while at the same time providing frequency and voltage foldback protection during hard short circuit conditions.
SOFT-START AND VOLTAGE TRACKING
The SS/TRK pin is a dual function pin that can be used to set the startup time or track an external voltage
source. The startup or soft-start time can be adjusted by connecting a capacitor from the SS/TRK pin to ground.
The soft-start feature allows the regulator output to gradually reach the steady state operating point, thus
reducing stresses on the input supply and controlling startup current. If no soft-start capacitor is used the device
defaults to the internal soft-start circuitry resulting in a startup time of approximately 1 ms. For applications that
require a monotonic startup or utilize the PGOOD pin, an external soft-start capacitor is recommended. The
SS/TRK pin can also be set to track an external voltage source. The tracking behavior can be adjusted by two
external resistors connected to the SS/TRK pin as shown in Figure 30 in the design guide.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM20343


同様の部品番号 - LM20343_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results

同様の説明 - LM20343_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20143 TI1-LM20143_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com