データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM21305 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM21305
部品情報  5A Adjustable Frequency Synchronous Buck Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM21305 データシート(HTML) 1 Page - Texas Instruments

  LM21305_14 Datasheet HTML 1Page - Texas Instruments LM21305_14 Datasheet HTML 2Page - Texas Instruments LM21305_14 Datasheet HTML 3Page - Texas Instruments LM21305_14 Datasheet HTML 4Page - Texas Instruments LM21305_14 Datasheet HTML 5Page - Texas Instruments LM21305_14 Datasheet HTML 6Page - Texas Instruments LM21305_14 Datasheet HTML 7Page - Texas Instruments LM21305_14 Datasheet HTML 8Page - Texas Instruments LM21305_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
0.6V - 5V
VIN
LM21305
SW
COMP
FREQ
EN
FB
PGOOD
PGND
2V5
AVIN
AGND
5V0
CBOOT
PVIN
CIN
L
RF
C5V0
C2V5
CF
Cc1
Rc
CFRQ
RFRQ
RFB1
RFB2
CBOOT
COUT
SYNC
VOUT
REN1
REN2
RPG
LM21305
www.ti.com
SNVS639F – DECEMBER 2009 – REVISED MARCH 2013
5A Adjustable Frequency Synchronous Buck Regulator
Check for Samples: LM21305
1
FEATURES
APPLICATIONS
2
High Efficiency Switcher Core With Integrated
POL Regulation From 3.3V, 5V, and 12V
Low RDSon Power MOSFETs
Supply Rails
Resistor Programmable Switching Frequency
High Efficiency Supply for DSPs, FPGAs,
With Frequency Synchronization
ASICs and Processors
Internal Soft-Start With Monotonic and Pre-
Broadband, Networking and Optical
Biased Startup
Communications Infrastructure
Low Shutdown Quiescent Current
DESCRIPTION
Precision Enable With Hysteresis
The LM21305 is a full-featured 5A synchronous buck
PGOOD Indicator Function
POL regulator optimized for solution size, flexibilty,
Input Under-Voltage Lock-Out (UVLO)
and high conversion efficiency. High power density
LM21305
designs
are
achieved
via
monolithic
Output Over-Voltage Protection (OVP)
integration of the high-side and low-side power
High-Bandwidth Load Transient Response
MOSFETs, high switching frequency, current-mode
With Peak Current-Mode Control
control, and optimized thermal design. The efficiency
Cycle-by-Cycle Current Limiting
of the LM21305 is elevated at light loads with diode
emulation mode operation and at heavy loads by
Thermal Shutdown
optimal design of the MOSFET gate drivers to
minimize
switch
dead-times
and
body-diode
KEY SPECIFICATIONS
conduction losses.
3V to 18V Single-Rail Input Voltage
The LM21305 accepts a wide input voltage range of
0.598V Feedback Voltage Reference
3V to 18V, facilitating interface to all intermediate bus
300 kHz to 1.5 MHz Switching Frequency
voltages, including 3.3V, 5V and 12V rails. An output
voltage as low as 0.598V is supported with excellent
WQFN-28 Package (5 x 5 x 0.8 mm, 0.5 mm
setpoint accuracy and low ripple and RMS noise.
Pitch)
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM21305_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
More results

同様の説明 - LM21305_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com