データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2983-ZJ データシート(PDF) 1 Page - NEC

部品番号 2SK2983-ZJ
部品情報  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

2SK2983-ZJ データシート(HTML) 1 Page - NEC

  2SK2983-ZJ Datasheet HTML 1Page - NEC 2SK2983-ZJ Datasheet HTML 2Page - NEC 2SK2983-ZJ Datasheet HTML 3Page - NEC 2SK2983-ZJ Datasheet HTML 4Page - NEC 2SK2983-ZJ Datasheet HTML 5Page - NEC 2SK2983-ZJ Datasheet HTML 6Page - NEC 2SK2983-ZJ Datasheet HTML 7Page - NEC 2SK2983-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice.
©
1998
MOS FIELD EFFECT TRANSISTOR
2SK2983
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No. D12357EJ1V0DS00 (1st edition)
Date Published October 1998 NS CP (K)
Printed in Japan
DATA SHEET
DESCRIPTION
This product is N-Channel MOS Field Effect Transistor designed for high current switching application.
FEATURES
• Low on-resistance
RDS(on)1 = 20 m
Ω (MAX.) (VGS = 10 V, ID = 15 A)
RDS(on)2 = 27 m
Ω (MAX.) (VGS = 4.5 V, ID = 15 A)
• Low Ciss
Ciss = 1200 pF TYP.
• Built-in gate protection diode
ORDERING INFOMATION
PART NUMBER
PACKAGE
2SK2983
TO-220AB
2SK2983-S
TO-262
2SK2983-ZJ
TO-263
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage
Note1
VDSS
30
V
Gate to Source Voltage
Note2
VGSS
±20
V
Drain Current (DC)
ID(DC)
±30
A
Drain Current (pulse)
Note3
ID(pulse)
±120
A
Total Power Dissipation (TA = 25°C)
PT
1.5
W
Total Power Dissipation (TC = 25°C)
PT
50
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes1. VGS = 0 V
2. VDS = 0 V
3. PW
≤ 10
µ s, Duty Cycle ≤ 1 %
.


同様の部品番号 - 2SK2983-ZJ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
2SK2983-ZJ RENESAS-2SK2983-ZJ Datasheet
233Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

同様の説明 - 2SK2983-ZJ

メーカー部品番号データシート部品情報
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com