データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM34925 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM34925
部品情報  Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM34925 データシート(HTML) 4 Page - Texas Instruments

  LM34925_14 Datasheet HTML 1Page - Texas Instruments LM34925_14 Datasheet HTML 2Page - Texas Instruments LM34925_14 Datasheet HTML 3Page - Texas Instruments LM34925_14 Datasheet HTML 4Page - Texas Instruments LM34925_14 Datasheet HTML 5Page - Texas Instruments LM34925_14 Datasheet HTML 6Page - Texas Instruments LM34925_14 Datasheet HTML 7Page - Texas Instruments LM34925_14 Datasheet HTML 8Page - Texas Instruments LM34925_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM34925
SNVS846E – JUNE 2012 – REVISED DECEMBER 2013
www.ti.com
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48 V, unless otherwise stated. See
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC Supply
VCC Reg
VCC Regulator Output
VIN = 48 V, ICC = 20 mA
6.25
7.6
8.55
V
VCC Current Limit
VIN = 48 V
(2)
26
mA
VCC UVLO Threshold (VCC
4.15
4.5
4.9
V
increasing)
VCC UVLO Hysteresis
300
mV
VCC Drop Out Voltage
VIN = 8 V, ICC = 20 mA
2.3
V
IIN Operating Current
Non-Switching, FB = 3 V
1.75
mA
IIN Shutdown Current
UVLO = 0 V
50
225
µA
Under-Voltage Sensing Function
UV Threshold
UV Rising
1.19
1.225
1.26
V
UV Hysteresis Input Current
UV = 2.5 V
-10
-20
-29
µA
Remote Shutdown Threshold
Voltage at UVLO Falling
0.32
0.66
V
Remote Shutdown Hysteresis
110
mV
Regulation and Over-Voltage Comparators
FB Regulation Level
Internal Reference Trip Point for
1.2
1.225
1.25
V
Switch ON
FB Overvoltage Threshold
Trip Point for Switch OFF
1.62
V
FB Bias Current
60
nA
Switch Characteristics
Buck Switch RDS(ON)
ITEST = 100 mA, BST-SW = 7 V
0.8
1.8
Synchronous RDS(ON)
ITEST = 200 mA
0.45
1
Gate Drive UVLO
VBST − VSW Rising
2.4
3
3.6
V
Gate Drive UVLO Hysteresis
260
mV
Minimum Off-Time
Minimum Off-Timer
FB = 0 V
144
ns
On Time Generator
TON Test 1
VIN = 32 V, RON = 100 k
270
350
460
ns
TON Test 2
VIN = 48 V, RON = 100 k
188
250
336
ns
TON Test 3
VIN = 75 V, RON = 250 k
250
370
500
ns
TON Test 4
VIN = 10 V, RON = 250 k
1880
3200
4425
ns
Current Limit
Current Limit Threshold
150
270
370
mA
Current Limit Response Time
Time to Switch Off
150
ns
OFF-Time Generator (Test 1)
FB = 0.1 V, VIN = 48 V
12
µs
OFF-Time Generator (Test 2)
FB = 1.0 V, VIN = 48 V
2.5
µs
(1)
All limits are verified by design. All electrical characteristics having room temperature limits are tested during production at TA = 25°C. All
hot and cold limits are verified by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM34925


同様の部品番号 - LM34925_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM34925MR/NOPB TI1-LM34925MR/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925MRX/NOPB TI1-LM34925MRX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925SD/NOPB TI1-LM34925SD/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925SDX/NOPB TI1-LM34925SDX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
More results

同様の説明 - LM34925_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI-LM34927_15 Datasheet
2Mb / 28P
[Old version datasheet]   LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
[Old version datasheet]   LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com