データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB15E07 データシート(PDF) 6 Page - Fujitsu Component Limited.

部品番号 MB15E07
部品情報  Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15E07 データシート(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB15E07 Datasheet HTML 2Page - Fujitsu Component Limited. MB15E07 Datasheet HTML 3Page - Fujitsu Component Limited. MB15E07 Datasheet HTML 4Page - Fujitsu Component Limited. MB15E07 Datasheet HTML 5Page - Fujitsu Component Limited. MB15E07 Datasheet HTML 6Page - Fujitsu Component Limited. MB15E07 Datasheet HTML 7Page - Fujitsu Component Limited. MB15E07 Datasheet HTML 8Page - Fujitsu Component Limited. MB15E07 Datasheet HTML 9Page - Fujitsu Component Limited. MB15E07 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
MB15E07
s ELECTRICAL CHARACTERISTICS
(VCC = 2.7 to 3.6 V, Ta = –40 to +85
°C)
*1: Conditions; VCC = 3.0 V, Ta = 25
°C, in locking state.
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Power supply current*1
ICC
fin = 1800 MHz,
fosc = 12 MHz, P = 32/33
8.0
mA
Power saving current
Ips
ZC = “H” or open
0.1
10
µA
Operating frequency
fin
P = 32/33
100
1800
MHz
P = 64/65
100
2500
MHz
Crystal oscillator operating frequency
fOSC
min. 500 mVp-p
3
40
MHz
Input sensitivity
fin
Vfin
50
Ω system
(Refer to the test circuit.)
–10
+2
dBm
OSCin
VOSC
500
VCC
mVp-p
Input voltage
Data, Clock,
LE, PS, ZC
VIH
Vcc
×
0.7
––
V
VIL
––
Vcc
×
0.3
Input current
Data, Clock,
LE, PS
IIH
–1.0
+1.0
µA
IIL
–1.0
+1.0
ZC
IIH
–1.0
+1.0
µA
IIL
Pull up input
–100
0
OSCin
IIH
0
+100
µA
IIL
–100
0
Output voltage
φPVOL
Open drain output
0.4
V
φR,
LD/fout
VOH
Vcc –
0.4
––
V
VOL
0.4
Do
VDOH
Vp –
0.4
––
V
VDOL
0.4
High impedance
cutoff current
Do
IOFF
1.1
µA
Output current
φPIOL
Open drain output
1.0
mA
φR,
LD/fout
IOH
–1.0
mA
IOL
1.0
Do
IDOH
VCC = 3.0 V,
Vp = 5 V,
VDOH = 4.0 V, Ta = 25
°C
–10.0
mA
IDOL
VCC = 3.0 V,
Vp = 5 V,
VDOL = 1.0 V, Ta = 25
°C
10.0


同様の部品番号 - MB15E07

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07LPFV1 FUJITSU-MB15E07LPFV1 Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07LPV FUJITSU-MB15E07LPV Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SLPFV1 FUJITSU-MB15E07SLPFV1 Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
More results

同様の説明 - MB15E07

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E06 FUJITSU-MB15E06 Datasheet
223Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E06SR FUJITSU-MB15E06SR Datasheet
205Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 3.0 GHz Prescaler
MB15E05SR FUJITSU-MB15E05SR Datasheet
211Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.0 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com