データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3057 データシート(PDF) 1 Page - NEC

部品番号 2SK3057
部品情報  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

2SK3057 データシート(HTML) 1 Page - NEC

  2SK3057 Datasheet HTML 1Page - NEC 2SK3057 Datasheet HTML 2Page - NEC 2SK3057 Datasheet HTML 3Page - NEC 2SK3057 Datasheet HTML 4Page - NEC 2SK3057 Datasheet HTML 5Page - NEC 2SK3057 Datasheet HTML 6Page - NEC 2SK3057 Datasheet HTML 7Page - NEC 2SK3057 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998
MOS FIELD EFFECT TRANSISTOR
2SK3057
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No.
D13096EJ1V0DS00 (1st edition)
Date Published
March 1999 NS CP(K)
Printed in Japan
DESCRIPTION
This product is N-Channel MOS Field Effect Transistor
designed for high current switching application.
FEATURES
• Low on-state resistance
RDS(on)1 = 17 m
Ω MAX. (VGS = 10 V, ID = 23 A)
RDS(on)2 = 27 m
Ω MAX. (VGS = 4 V, ID = 23 A)
• Low Ciss: Ciss = 2100 pF TYP.
• Built-in gate protection diode
• Isolated TO-220 package
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS(AC)
±20
V
Gate to Source Voltage
VGSS(DC)
+20, –10
V
Drain Current (DC)
ID(DC)
±45
A
Drain Current (pulse)
Note1
ID(pulse)
±150
A
Total Power Dissipation (Tc = 25°C)
PT
30
W
Total Power Dissipation (Ta = 25°C)
PT
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
22.5
A
Single Avalanche Energy
Note2
EAS
50.6
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1 %
2. Starting Tch = 25 °C, RG = 25
Ω, VGS = 20 V→0
THERMAL RESISTANCE
Channel to Case
Rth(ch-c)
4.17
°C/W
Channel to Ambient
Rth(ch-a)
62.5
°C/W
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3057
Isolated TO-220


同様の部品番号 - 2SK3057

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
2SK3057 VBSEMI-2SK3057 Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3057 ISC-2SK3057 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3057 RENESAS-2SK3057 Datasheet
313Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

同様の説明 - 2SK3057

メーカー部品番号データシート部品情報
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com