データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM27961 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM27961
部品情報  Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM27961 データシート(HTML) 9 Page - Texas Instruments

Back Button LM27961 Datasheet HTML 5Page - Texas Instruments LM27961 Datasheet HTML 6Page - Texas Instruments LM27961 Datasheet HTML 7Page - Texas Instruments LM27961 Datasheet HTML 8Page - Texas Instruments LM27961 Datasheet HTML 9Page - Texas Instruments LM27961 Datasheet HTML 10Page - Texas Instruments LM27961 Datasheet HTML 11Page - Texas Instruments LM27961 Datasheet HTML 12Page - Texas Instruments LM27961 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
0
20
40
60
80
100
0
5
10
15
20
25
30
35
RSET (:)
LM27961
www.ti.com
SNVS326 – NOVEMBER 2004
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 3.6V; VLEDxA = 3.6V; VLEDxB = 3.6V; ENA = VIN and ENB = GND, or ENA = GND and ENB =
VIN; RSETA = RSETB = 8.35kΩ; CIN, C1, C2 , and CPOUT = 1µF.
Diode Current (DxA)
Input Voltage (Top)
vs. RSETx
and Output Voltage (Bottom) Waveforms
Figure .
Figure 2. Vertical Scale = (100mV/div),
Horizontal Scale = 1µs/div)
ENx Signal (Top)
and Charge Pump Start-Up (Bottom) Waveforms
Figure 3. Vertical Scale = (2V/div),
Horizontal Scale = 100µs/div)
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM27961


同様の部品番号 - LM27961

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM27961TL NSC-LM27961TL Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM27961TLX NSC-LM27961TLX Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results

同様の説明 - LM27961

メーカー部品番号データシート部品情報
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2796 TI1-LM2796_16 Datasheet
782Kb / 16P
[Old version datasheet]   LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com