データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR1-144-5 データシート(PDF) 8 Page - Radiometrix Ltd

部品番号 LMR1-144-5
部品情報  VHF Narrow Band FM Low Cost multi channel radio modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RADIOMETRIX [Radiometrix Ltd]
ホームページ  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMR1-144-5 データシート(HTML) 8 Page - Radiometrix Ltd

Back Button LMR1-144-5 Datasheet HTML 2Page - Radiometrix Ltd LMR1-144-5 Datasheet HTML 3Page - Radiometrix Ltd LMR1-144-5 Datasheet HTML 4Page - Radiometrix Ltd LMR1-144-5 Datasheet HTML 5Page - Radiometrix Ltd LMR1-144-5 Datasheet HTML 6Page - Radiometrix Ltd LMR1-144-5 Datasheet HTML 7Page - Radiometrix Ltd LMR1-144-5 Datasheet HTML 8Page - Radiometrix Ltd LMR1-144-5 Datasheet HTML 9Page - Radiometrix Ltd LMR1-144-5 Datasheet HTML 10Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Radiometrix Ltd
LMT1/LMR1 Data Sheet
page 8
RX Received Signal Strength Indicator (RSSI)
The LMR1 has wide range RSSI that measures the strength of an incoming signal over a range of 60dB or
more. This allows assessment of link quality and available margin and is useful when performing range tests.
The output on pin 5b of the module has a standing DC bias of up to 0.5V with no signal, rising to 2.5V at
maximum indication (RF input levels of -40dBm and above). ∆Vmin-max is typically 2V and is largely
independent of standing bias variations. Output impedance is 40kΩ. Pin 5b can drive a 100µA meter directly,
for simple monitoring.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-140 -130 -120 -110 -100 -90
-80
-70
-60
-50
-40
RF level (dBm)
Figure 6: typical RSSI level with respect to received RF level at LMR1 antenna pin
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
A) Whip
This is a wire, rod ,PCB track or combination connected directly to RF pin of the module.
Optimum total length is 410mm (1/4 wave @ 173MHz). Keep the open circuit (hot) end well
away from metal components to prevent serious de-tuning. Whips are ground plane
sensitive and will benefit from internal 1/4 wave earthed radial(s) if the product is small and
plastic cased
B) Helical
Wire coil, connected directly to RF pin, open circuit at other end. This antenna is very
efficient given it’s small size (20mm x 4mm dia.). The helical is a high Q antenna, trim the
wire length or expand the coil for optimum results. The helical de-tunes badly with proximity
to other conductive objects.
C) Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and fed
from RF pin at a point 20% from the ground end. Loops have high immunity to proximity de-
tuning.
FEATURE
A
B
C
whip
helical
loop
Ultimate performance
***
**
*
Easy of design set-up
***
**
*
Size
*
***
**
Immunity proximity effects
*
**
***


同様の部品番号 - LMR1-144-5

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LMR1-12D ETC-LMR1-12D Datasheet
452Kb / 2P
   LMR SERIES
logo
Radiometrix Ltd
LMR1-151-5 RADIOMETRIX-LMR1-151-5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMR1-151-5-12K5 RADIOMETRIX-LMR1-151-5-12K5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMR1-173-10 RADIOMETRIX-LMR1-173-10 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMR1-173-5 RADIOMETRIX-LMR1-173-5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
More results

同様の説明 - LMR1-144-5

メーカー部品番号データシート部品情報
logo
Radiometrix Ltd
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com