データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3519 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3519
部品情報  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3519 データシート(HTML) 3 Page - Texas Instruments

  LM3519 Datasheet HTML 1Page - Texas Instruments LM3519 Datasheet HTML 2Page - Texas Instruments LM3519 Datasheet HTML 3Page - Texas Instruments LM3519 Datasheet HTML 4Page - Texas Instruments LM3519 Datasheet HTML 5Page - Texas Instruments LM3519 Datasheet HTML 6Page - Texas Instruments LM3519 Datasheet HTML 7Page - Texas Instruments LM3519 Datasheet HTML 8Page - Texas Instruments LM3519 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM3519
www.ti.com
SNVS394A – AUGUST 2005 – REVISED SEPTEMBER 2005
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = +25°C. Limits in bold typeface apply over the full operating junction temperature
range (
−40°C ≤ TJ ≤ +125°C). VIN = 3.6V, unless otherwise stated.
Uni
Symbol
Parameter
Conditions
Min
Typ
Max
ts
IQ
Supply Current
Shutdown: VEN = 0V
0.1
Not Switching: VEN = 1.8V
360
500
µA
Switching: VEN = 1.8V, LED_rtn current =
550
900
30mA
ILED(TOL)
LED Current Tolerance/Variation
VIN = 3.6V, 2.2μH,
–10
5.5
10
%
4LEDs
OVP
Over-Voltage Protection Threshold
OVP ON
18
18.9
20
V
OVP OFF
17.8
18.6
19.8
ILIM
Switch Current Limit
L = 2.2µH
750
mA
RDS(ON)
Power NMOS Switch ON Resistance
455
m
ILEAKAGE
Switch Leakage
VSW = 3.6V, VEN = 0V
0.1
2
µA
RLED_rtn(ON)
LED_rtn NMOS Switch ON Resistance
8.0
FS
Switching Frequency
ILED = 20 mA , L = 1μH
MH
5.4
4LEDs
z
IEN
Enable Pin Bias Current (3)
VEN = 0V
0.1
µA
VEN = 1.8V
1.1
2
En
Enable Threshold
Device On
0.9
V
Device Off
0.3
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed limits. For guaranteed performance limits and
associated test conditions, see the Electrical Characteristics table.
(2)
Min and max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
(3)
Current flows into the pin.
Copyright © 2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3519


同様の部品番号 - LM3519

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3519 NSC-LM3519 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
LM3519MK-20 NSC-LM3519MK-20 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
LM3519MKX-20 NSC-LM3519MKX-20 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
More results

同様の説明 - LM3519

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3519 NSC-LM3519 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Micrel Semiconductor
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com