データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3503ITLX-44NOPB データシート(PDF) 7 Page - Texas Instruments

部品番号 LM3503ITLX-44NOPB
部品情報  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3503ITLX-44NOPB データシート(HTML) 7 Page - Texas Instruments

Back Button LM3503ITLX-44NOPB Datasheet HTML 3Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 4Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 5Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 6Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 7Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 8Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 9Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 10Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
TEMPERATURE (
oC)
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-40
VIN = 2.5V
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
0.400
0.440
0.480
0.520
0.560
0.600
2.5
-40
oC
0.420
0.460
0.500
0.540
0.580
125
oC
25
oC
En1
En2
0.3V
0.3V
Result (See Figure 1 and Figure 2)
1.4V
0.3V
0.3V
1.4V
1.4V
1.4V
[P1
ÆOFF N2ÆOFF N1ÆOFF] or [MAINÆOFF SUBÆOFF N1ÆOFF]
[P1
ÆOFF N2ÆON N1ÆSwitching] or [MAINÆON SUBÆOFF N1ÆSwitching]
[P1
ÆON N2ÆOFF N1ÆSwitching] or [MAINÆOFF SUBÆON N1ÆSwitching]
[P1
ÆOFF N2ÆOFF N1ÆSwitching] or [MAINÆON SUBÆON N1ÆSwitching]
Shutdown
X
LM3503
www.ti.com
SNVS329D – JULY 2005 – REVISED AUGUST 2006
The LM3503 has two control pins, En1 and En2, used for selecting which segment of a single white LED string
network is active for dual display applications. En1 controls the main display (MAIN) segment of the single string
white LED network between pins VOUT1 and VOUT2. En2 controls the sub display (SUB) segment of the single
string white LED network between the VOUT2 and Fb. If both VEn1 and VEn2 are ≤ 0.3V, the LM3503 will shutdown,
for further description of the En1 and En2 operation, see Figure 33. During shutdown the output capacitor
discharges through the string of white LEDs and feedback resistor to ground. The LED current can be
dynamically controlled by a DC voltage on the Cntrl pin. When VCntrl = 0V the white LED current may not be
equal to zero because of offsets within the LM3503 internal circuitry. To guarantee zero white LED current the
LM3503 must be in shutdown mode operation.
The LM3503 has dedicated protection circuitry active during normal operation to protect the integrated circuit (IC)
and external components. Soft start circuitry is present in the LM3503 to allow for slowly increasing the current
limit to its steady-state value to prevent undesired high inrush current during start up. Thermal shutdown circuitry
turns off the internal NMOS power device, N1, when the internal semiconductor junction temperature reaches
excessive levels. The LM3503 has a under-voltage protection (UVP) comparator that disables the internal NMOS
power device when battery voltages are too low, thus preventing an on state where the internal NMOS power
device conducts large amounts of current. The over-voltage protection (OVP) comparator prevents the output
voltage from increasing beyond the protection limit when the white LED string network is removed or if there is a
white LED failure. OVP allows for the use of low profile ceramic capacitors at the output. The current through the
internal NMOS power device, N1, is monitored to prevent peak inductor currents from damaging the IC. If during
a cycle (cycle=1/switching frequency) the peak inductor current exceeds the current limit for the LM3503, the
internal NMOS power device will be turned off for the remaining duration of that cycle.
Figure 4. Operational Characteristics Table
Typical Performance Characteristics
(See Typical Application Circuit :e L=DO1608C-223 and D=B150-13. Efficiency:
η = POUT/ PIN = [(VOUT – VFb ) * IOUT] / [VIN *
IIN]. TA = +25°C, unless otherwise stated.)
IQ (Non-Switching)
Switching Frequency
vs
vs
VIN
Temperature
Figure 5.
Figure 6.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3503


同様の部品番号 - LM3503ITLX-44NOPB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3503ITLX-44 NSC-LM3503ITLX-44 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503ITLX-44 NSC-LM3503ITLX-44 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

同様の説明 - LM3503ITLX-44NOPB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com