データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3502SQX-16 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM3502SQX-16
部品情報  Step-Up Converter for White LED Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502SQX-16 データシート(HTML) 8 Page - Texas Instruments

Back Button LM3502SQX-16 Datasheet HTML 4Page - Texas Instruments LM3502SQX-16 Datasheet HTML 5Page - Texas Instruments LM3502SQX-16 Datasheet HTML 6Page - Texas Instruments LM3502SQX-16 Datasheet HTML 7Page - Texas Instruments LM3502SQX-16 Datasheet HTML 8Page - Texas Instruments LM3502SQX-16 Datasheet HTML 9Page - Texas Instruments LM3502SQX-16 Datasheet HTML 10Page - Texas Instruments LM3502SQX-16 Datasheet HTML 11Page - Texas Instruments LM3502SQX-16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
tL
(Typ)
1.4V
0.3V
Cntrl
Cntrl*
En1
En2
0.3V
1.4V
0.3V
Result* (See Figure 1 and Figure 2)
1.4V
1.4V
0.3V
0.3V
1.4V
1.4V
1.4V
1.4V
1.4V
[P1
ÆOFF N2ÆOFF N1ÆOFF] or [MAINÆOFF SUBÆOFF N1ÆOFF]
[P1
ÆOFF N2ÆON N1ÆSwitching] or [MAINÆON SUBÆOFF N1ÆSwitching]
[P1
ÆON N2ÆOFF N1ÆSwitching] or [MAINÆOFF SUBÆON N1ÆSwitching]
[P1
ÆOFF N2ÆOFF N1ÆSwitching] or [MAINÆON SUBÆON N1ÆSwitching]
0.3V
0.3V
0.3V
[P1
ÆOFF N2ÆOFF N1ÆOFF] or [MAINÆOFF SUBÆOFF N1ÆOFF]
1.4V
0.3V
0.3V
[P1
ÆOFF N2ÆOFF N1ÆOFF] or [MAINÆOFF SUBÆOFF N1ÆOFF]
0.3V
0.3V
1.4V
[P1
ÆOFF N2ÆOFF N1ÆOFF] or [MAINÆOFF SUBÆOFF N1ÆOFF]
1.4V
0.3V
1.4V
[P1
ÆOFF N2ÆOFF N1ÆOFF] or [MAINÆOFF SUBÆOFF N1ÆOFF]
*Table is only valid for when the Cntrl pin signal is a non-periodic logic signal, not a PWM signal.
Shutdown
Low IQ
X
X
X
X
X
Shutdown
LM3502
SNVS339A – SEPTEMBER 2005 – REVISED AUGUST 2006
www.ti.com
Figure 5. Operational Characteristics Table
Figure 6. Control Signal Waveform
8
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM3502


同様の部品番号 - LM3502SQX-16

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3502SQX-16 NSC-LM3502SQX-16 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3502SQX-16 NSC-LM3502SQX-16 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
More results

同様の説明 - LM3502SQX-16

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com