データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BDX53B データシート(PDF) 2 Page - Savantic, Inc.

部品番号 BDX53B
部品情報  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAVANTIC [Savantic, Inc.]
ホームページ  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDX53B データシート(HTML) 2 Page - Savantic, Inc.

  BDX53B Datasheet HTML 1Page - Savantic, Inc. BDX53B Datasheet HTML 2Page - Savantic, Inc. BDX53B Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BDX53/A/B/C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDX53
45
BDX53A
60
BDX53B
80
VCEO(SUS)
Collector-emitter
sustaining voltage
BDX53C
IC=0.1A, IB=0
100
V
VCEsat
Collector-emitter saturation voltage
IC=3A ,IB=12mA
2.0
V
VBE sat
Base-emitter saturation voltage
IC=3A ,IB=12mA
2.5
V
BDX53
VCB=45V, IE=0
BDX53A
VCB=60V, IE=0
BDX53B
VCB=80V, IE=0
ICBO
Collector cut-off current
BDX53C
VCB=100V, IE=0
0.2
mA
BDX53
VCE=22V, IB=0
BDX53A
VCE=30V, IB=0
BDX53B
VCE=40V, IB=0
ICEO
Collector cut-off current
BDX53C
VCE=50V, IB=0
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2.0
mA
hFE
DC current gain
IC=3A ; VCE=3V
750
VF-1
Forward diode voltage
IF=3A
1.8
2.5
V
VF-2
Forward diode voltage
IF=8A
2.5
V


同様の部品番号 - BDX53B

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
BDX53B MOSPEC-BDX53B Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
Savantic, Inc.
BDX53B SAVANTIC-BDX53B Datasheet
92Kb / 3P
   Silicon NPN Power Transistors
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
More results

同様の説明 - BDX53B

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com