データシートサーチシステム |
|
TPD1XGKZRC00060G データシート(PDF) 3 Page - OPLINK Communications Inc. |
|
TPD1XGKZRC00060G データシート(HTML) 3 Page - OPLINK Communications Inc. |
3 / 9 page Oplink Communications, Inc TPD1XGKZRxxG S0252. Rev.04. (web) 2012-08-08 3 11 12 13 14 15 16 17 18 19 20 10 9 8 7 6 5 4 3 2 1 VEET TD+ TD- VEET VCCT VCCR VEER RD+ RD- VEER VEER RS1 RX_LOS RS0 MOD-ABS SCL SDA TX_DISABLE TX_FAULT VEET TOWARD HOST TOWARD BEZEL Transmitter Electrical Characteristics (Over Operating Case Temperature. V CC = 3.13 to 3.47V) (Over Operating Case Temperature. V CC = 3.13 to 3.47V) (Over Operating Case Temperature. V CC = 3.13 to 3.47V) Electrical Power Supply Characteristics Receiver Electrical Characteristics Connector Pin-out Parameter Symbol Minimum Typical Maximum Units Differential Output Impedance Z d - 100 - Ω Differential Output Swing V PP-DIFF 300 - 850 mV Output Rise and Fall time (20% to 80%) t RH, tFH 28 - - ps Output HIGH Voltage (LOS) 1 V OH V CC - 1.3 - V CC + 0.3 V Output LOW Voltage (LOS) 1 V OL 0 - 0.8 V 1 Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage). Parameter Symbol Minimum Typical Maximum Units Differential Input Impedance Z d - 100 - Ω Differential Input Voltage Swing V PP-DIFF 180 - 700 mV Input HIGH Voltage (TX Disable) 1 V IH 2.0 - V CC V Input LOW Voltage (TX Disable) 1 V IL 0 - 0.8 V Output HIGH Voltage (TX Fault) 2 V OH 2.0 - V CC + 0.3 V Output LOW Voltage (TX Fault) 2 V OL 0 - 0.8 V 1 There is an internal 4.7kΩ to 10kΩ pull-up resistor to VccT. 2 Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage). Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and +25°C ambient temperature. Parameter Symbol Minimum Typical Maximum Units Power Supply Voltage V CC 3.13 3.30 3.47 V DC Common Mode Voltage V CM 0 - 3.60 V Supply Current I VCC - 365 - mA Power Consumption C-temp P W - 1.2 1.8 W E/I-temp 2.1 |
同様の部品番号 - TPD1XGKZRC00060G |
|
同様の説明 - TPD1XGKZRC00060G |