データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPC1XGJERC00080G データシート(PDF) 7 Page - OPLINK Communications Inc.

部品番号 TPC1XGJERC00080G
部品情報  CWDM 40km SFP Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPLINK [OPLINK Communications Inc.]
ホームページ  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPC1XGJERC00080G データシート(HTML) 7 Page - OPLINK Communications Inc.

  TPC1XGJERC00080G Datasheet HTML 1Page - OPLINK Communications Inc. TPC1XGJERC00080G Datasheet HTML 2Page - OPLINK Communications Inc. TPC1XGJERC00080G Datasheet HTML 3Page - OPLINK Communications Inc. TPC1XGJERC00080G Datasheet HTML 4Page - OPLINK Communications Inc. TPC1XGJERC00080G Datasheet HTML 5Page - OPLINK Communications Inc. TPC1XGJERC00080G Datasheet HTML 6Page - OPLINK Communications Inc. TPC1XGJERC00080G Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
TPC1XGJERxG
S0218. Rev.03 (web) 2014-02-24
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Com-
munications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringe-
ments of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2014, Oplink Communications, Inc.
Model Name
Operating Temperature
Center
Wavelength
Distance
TPC1XGJERE00010G
- 5°C to +85°C
Extended
1471nm
40km
TPC1XGJERE00020G
- 5°C to +85°C
Extended
1491nm
40km
TPC1XGJERE00030G
- 5°C to +85°C
Extended
1511nm
40km
TPC1XGJERE00040G
- 5°C to +85°C
Extended
1531nm
40km
TPC1XGJERE00050G
- 5°C to +85°C
Extended
1551nm
40km
TPC1XGJERE00060G
- 5°C to +85°C
Extended
1571nm
40km
TPC1XGJERE00070G
- 5°C to +85°C
Extended
1591nm
40km
TPC1XGJERE00080G
- 5°C to +85°C
Extended
1611nm
40km
TPC1XGJERI00010G
- 40°C to +85°C
Industrial
1471nm
40km
TPC1XGJERI00020G
- 40°C to +85°C
Industrial
1491nm
40km
TPC1XGJERI00030G
- 40°C to +85°C
Industrial
1511nm
40km
TPC1XGJERI00040G
- 40°C to +85°C
Industrial
1531nm
40km
TPC1XGJERI00050G
- 40°C to +85°C
Industrial
1551nm
40km
TPC1XGJERI00060G
- 40°C to +85°C
Industrial
1571nm
40km
TPC1XGJERI00070G
- 40°C to +85°C
Industrial
1591nm
40km
TPC1XGJERI00080G
- 40°C to +85°C
Industrial
1611nm
40km


同様の部品番号 - TPC1XGJERC00080G

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
TPC1XGJERC00080G OPLINK-TPC1XGJERC00080G Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
More results

同様の説明 - TPC1XGJERC00080G

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
TPC1XGJERXG-S0218 OPLINK-TPC1XGJERXG-S0218 Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
TPP7XGJERC000E2G OPLINK-TPP7XGJERC000E2G Datasheet
479Kb / 6P
   1550nm 40km SFP Transceivers
S0260-TPC1XGKZRXG OPLINK-S0260-TPC1XGKZRXG Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
TPC1XGKZRXG OPLINK-TPC1XGKZRXG Datasheet
513Kb / 7P
   CWDM 70km SFP Transceivers
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
DTR-2488-SM-LC-W-G-CWDM OPLINK-DTR-2488-SM-LC-W-G-CWDM Datasheet
191Kb / 6P
   CWDM Transceivers
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com