データシートサーチシステム |
|
TPD2XGKZRE00033G データシート(PDF) 6 Page - OPLINK Communications Inc. |
|
TPD2XGKZRE00033G データシート(HTML) 6 Page - OPLINK Communications Inc. |
6 / 9 page Oplink Communications, Inc S0255. Rev.03. (web) 2012-08-08 6 TPD2XGKZRxxG Ordering Information Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s Sales and Marketing for your requirements and ordering information (510) 933-7200 or Sales@oplink.com. Package Outline Dimensions in [inches] mm Millimeters are the primary units. Tolerances are in accordance with SFF-8432 Rev.5 Model Name Operating Temperature Center Wavelength (nm) ITU Frequency (THz) Wavelength Reference Distance TPD2XGKZRC00061G - 5°C to +70°C Commercial 1528.38 196.15 H61 80km TPD2XGKZRC00060G - 5°C to +70°C Commercial 1529.16 196.05 H60 80km TPD2XGKZRC00059G - 5°C to +70°C Commercial 1529.94 195.95 H59 80km TPD2XGKZRC00058G - 5°C to +70°C Commercial 1530.72 195.85 H58 80km TPD2XGKZRC00057G - 5°C to +70°C Commercial 1531.51 195.75 H57 80km TPD2XGKZRC00056G - 5°C to +70°C Commercial 1532.29 195.65 H56 80km TPD2XGKZRC00055G - 5°C to +70°C Commercial 1533.07 195.55 H55 80km TPD2XGKZRC00054G - 5°C to +70°C Commercial 1533.86 195.45 H54 80km TPD2XGKZRC00053G - 5°C to +70°C Commercial 1534.64 195.35 H53 80km TPD2XGKZRC00052G - 5°C to +70°C Commercial 1535.43 195.25 H52 80km TPD2XGKZRC00051G - 5°C to +70°C Commercial 1536.22 195.15 H51 80km TPD2XGKZRC00050G - 5°C to +70°C Commercial 1537.00 195.05 H50 80km TPD2XGKZRC00049G - 5°C to +70°C Commercial 1537.79 194.95 H49 80km TPD2XGKZRC00048G - 5°C to +70°C Commercial 1538.58 194.85 H48 80km TPD2XGKZRC00047G - 5°C to +70°C Commercial 1539.37 194.75 H47 80km TPD2XGKZRC00046G - 5°C to +70°C Commercial 1540.16 194.65 H46 80km |
同様の部品番号 - TPD2XGKZRE00033G |
|
同様の説明 - TPD2XGKZRE00033G |