データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4705 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SI4705
部品情報  Enhanced Broadcast FM Radio Receiver for Portable Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SI4705 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SI4705 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI4705 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FM Tuner
Copyright © 2008 by Silicon Laboratories
4.02.08
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si4704/05
Enhanced Broadcast FM Radio Receiver for Portable Applications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Frequency
fRF
64
108
MHz
Sensitivity (76–108 MHz)
(S+N)/N = 26 dB
1.1
µV EMF
Input IP3
|f2 – f1| > 1 MHz; f0 = 2 x f1 – f2
AGC disabled
105
dBµV EMF
Adjacent Channel Selectivity
±200 kHz
50
dB
Alternate Channel Selectivity
±400 kHz
70
dB
RCLK Frequency
32.768
kHz
RCLK Frequency Tolerance
–100
100
ppm
Audio Output Voltage
72
80
90
mVrms
Audio Mono S/N
55
63
dB
Audio THD
0.1
0.5
%
Supply Voltage
VD, VA
2.7
5.5
V
Interface Supply Voltage
VIO
1.5
3.6
V
Ambient Temperature
TA
–20
25
85
°C
Supply Current
IAD
19.2
mA
Powerdown Current
IPD
10
12
µA
Seek/Tune Time
80
ms/channel
SCLK Frequency
fCLK
3-wire operation
2.5
MHz
fSCL
2-wire operation
400
kHz
Powerup Time
From powerdown
110
ms
Selected Electrical Specifications
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 DOUT
LOUT
ROUT
GND
RST
NC
LPI
VDD
FMI
RFGND
Package Information
Symbol
Millimeters
Symbol
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.50
0.55
0.60
f
2.53 BSC
A1
0.00
0.02
0.05
L
0.35
0.40
0.45
b
0.18
0.25
0.30
L1
0.00
0.10
c
0.27
0.32
0.37
aaa
0.10
D
3.00 BSC
bbb
0.10
D2
1.60
1.70
1.80
ccc
0.08
e
0.50 BSC
ddd
0.10
E
3.00 BSC
eee
0.10
E2
1.60
1.70
1.80
Notes:
1.
All dimensions are shown in millimeters unless otherwise noted.
2.
Dimensioning and tolerancing per ANSI Y14.5M-1994.


同様の部品番号 - SI4705

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4705 SILABS-SI4705 Datasheet
376Kb / 36P
   Worldwide FM band support (64-108 MHz) integrated antenna support EN55020 compliant
SI4705 SILABS-SI4705 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4705 SILABS-SI4705 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4705 SILABS-SI4705 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4705 SILABS-Si4705 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

同様の説明 - SI4705

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
   Broadcast FM Radio Transceiver for Portable Applications
SI4720-B20 SILABS-SI4720-B20 Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon Laboratories
SI4703-C19-GM SILABS-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com